Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC4502A Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLC4502A
Description  FAMILY OF SELF-CALIBRATING (Self-Cal) PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC4502A Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC4502A Datasheet HTML 19Page - Texas Instruments TLC4502A Datasheet HTML 20Page - Texas Instruments TLC4502A Datasheet HTML 21Page - Texas Instruments TLC4502A Datasheet HTML 22Page - Texas Instruments TLC4502A Datasheet HTML 23Page - Texas Instruments TLC4502A Datasheet HTML 24Page - Texas Instruments TLC4502A Datasheet HTML 25Page - Texas Instruments TLC4502A Datasheet HTML 26Page - Texas Instruments TLC4502A Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
TLC4501, TLC4501A, TLC4502, TLC4502A
FAMILY OF SELF-CALIBRATING (Self-Cal
)
PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS221B – MAY 1998 – REVISED APRIL 2001
23
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
1/2
TLC4502
+
R1
90 k
R2
9 k
R3
1 k
R4
1 k
R5
9 k
R6
90 k
1/2
TLC4502
+
VDD
8
0.1 pF
VO+
VO–
RP
1 k
VDD
RP
1 k
VI2
VI1
Gain = 10
Gain = 10
Gain = 100
Gain = 100
V(REF)+
V(REF)–
2
35
6
4
7
1
(Gain
+ 10) V
O +
V
I1 *
V
I2
1
)
R6
R4
) R5 )
V
(REF) Where R1
+ R6, R2 + R5, and R3 + R4
(Gain
+ 100) V
O +
V
I1 *
V
I2
1
) R5 ) R6
R4
) V
(REF) Where R1
+ R6, R2 + R5, and R3 + R4
Figure 36. Single-Supply Programmable Instrumentation Amplifier Circuit
1/2
TLC4502
+
R1
1/2
TLC4502
+
VO
RP1 < 1 kΩ
VI
V(REF)
3
2
6
5
4
7
1
V
O +
V
I
1
) R4
R3
) 2R4
R
G
) V
(REF)
RP2 < 1 kΩ
R3
R2
RG
R4
Where : R1
+ R4 and R2 + R3
Figure 37. Two Operational-Amplifier Instrumentation Amplifier Circuit


Similar Part No. - TLC4502A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC4502A TI-TLC4502A Datasheet
498Kb / 32P
[Old version datasheet]   FAMILY OF SELF-CALIBRATING Self-CalE PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLC4502ACD TI-TLC4502ACD Datasheet
498Kb / 32P
[Old version datasheet]   FAMILY OF SELF-CALIBRATING Self-CalE PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLC4502ACD TI1-TLC4502ACD Datasheet
978Kb / 39P
[Old version datasheet]   FAMILY OF SELF-CALIBRATING PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLC4502ACDG4 TI1-TLC4502ACDG4 Datasheet
978Kb / 39P
[Old version datasheet]   FAMILY OF SELF-CALIBRATING PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLC4502ACDR TI1-TLC4502ACDR Datasheet
978Kb / 39P
[Old version datasheet]   FAMILY OF SELF-CALIBRATING PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC4502A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC4501 TI-TLC4501 Datasheet
498Kb / 32P
[Old version datasheet]   FAMILY OF SELF-CALIBRATING Self-CalE PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLC4502IDR TI1-TLC4502IDR Datasheet
978Kb / 39P
[Old version datasheet]   FAMILY OF SELF-CALIBRATING PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV27L1 TI-TLV27L1 Datasheet
274Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
   Rail-to-Rail Output CMOS Operational Amplifiers
logo
Texas Instruments
LMV341-Q1 TI-LMV341-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2460 UTC-LV2460 Datasheet
240Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com