Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5617A Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC5617A
Description  PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5617A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC5617A Datasheet HTML 4Page - Texas Instruments TLC5617A Datasheet HTML 5Page - Texas Instruments TLC5617A Datasheet HTML 6Page - Texas Instruments TLC5617A Datasheet HTML 7Page - Texas Instruments TLC5617A Datasheet HTML 8Page - Texas Instruments TLC5617A Datasheet HTML 9Page - Texas Instruments TLC5617A Datasheet HTML 10Page - Texas Instruments TLC5617A Datasheet HTML 11Page - Texas Instruments TLC5617A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TLC5617, TLC5617A
PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS151B – JULY 1997 – REVISED MARCH 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 8
–10
–15
–20
–30
100
1000
–5
0
f – Frequency – kHz
RELATIVE GAIN (SLOW MODE)
vs
FREQUENCY
5
10 K
–25
VCC = 5 V,
VREFIN = 0.2 VPP + 2.048 Vdc,
TA = 25°C
–35
–40
Figure 9
80
75
70
65
110
85
90
f – Frequency – kHz
TOTAL HARMONIC DISTORTION (SLOW MODE)
vs
FREQUENCY
95
100
Figure 10
70
65
60
110
75
80
f – Frequency– kHz
TOTAL HARMONIC DISTORTION + NOISE (SLOW MODE)
vs
FREQUENCY
85
100
Figure 11
75
70
65
110
80
f – Frequency– kHz
SIGNAL-TO-NOISE RATIO (SLOW MODE)
vs
FREQUENCY
85
100


Similar Part No. - TLC5617A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5617A TI-TLC5617A Datasheet
283Kb / 20P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5617ACD TI-TLC5617ACD Datasheet
283Kb / 20P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5617AID TI-TLC5617AID Datasheet
283Kb / 20P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC5617A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5617 TI-TLC5617 Datasheet
283Kb / 20P
[Old version datasheet]   PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5618ACDR TI1-TLC5618ACDR Datasheet
636Kb / 24P
[Old version datasheet]   PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5618 TI-TLC5618 Datasheet
376Kb / 26P
[Old version datasheet]   PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5618 TI1-TLC5618_16 Datasheet
872Kb / 25P
[Old version datasheet]   PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_15 Datasheet
702Kb / 23P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_07 Datasheet
467Kb / 21P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Microchip Technology
MCP300X MICROCHIP-MCP300X Datasheet
450Kb / 2P
   MCP300X 10-Bit Analog-to-Digital Converters
2001
logo
Texas Instruments
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com