Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC2652AMN Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC2652AMN
Description  Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2652AMN Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC2652AMN Datasheet HTML 5Page - Texas Instruments TLC2652AMN Datasheet HTML 6Page - Texas Instruments TLC2652AMN Datasheet HTML 7Page - Texas Instruments TLC2652AMN Datasheet HTML 8Page - Texas Instruments TLC2652AMN Datasheet HTML 9Page - Texas Instruments TLC2652AMN Datasheet HTML 10Page - Texas Instruments TLC2652AMN Datasheet HTML 11Page - Texas Instruments TLC2652AMN Datasheet HTML 12Page - Texas Instruments TLC2652AMN Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
TLC2652, TLC2652A, TLC2652Y
Advanced LinCMOS PRECISION CHOPPERSTABILIZED
OPERATIONAL AMPLIFIERS
SLOS019E − SEPTEMBER 1988 − REVISED FEBRUARY 2005
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD ± = ±5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLC2652Q
TLC2652M
TLC2652AM
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
0.6
3.5
0.5
3
V
VIO
Input offset voltage
(see Note 7)
Full range
10
8
µV
VIO
Temperature coefficient of
Full range
0.003
0.03∗
0.003
0.03∗
V/
°C
αVIO
Temperature coefficient of
input offset voltage
Full range
0.003
0.03∗
0.003
0.03∗
µV/°C
Input offset voltage
long-term drift (see Note 4)
VIC = 0,
RS = 50 Ω
25
°C
0.003
0.06∗
0.003
0.02∗
µV/mo
IIO
Input offset current
25
°C
2
60
2
60
pA
IIO
Input offset current
Full range
500
500
pA
IIB
Input bias current
25
°C
4
60
4
60
pA
IIB
Input bias current
Full range
500
500
pA
Common-mode input
−5
−5
VICR
Common-mode input
voltage range
RS = 50 Ω
Full range
−5
to
−5
to
V
VICR
voltage range
RS = 50 Ω
Full range
to
3.1
to
3.1
V
VOM +
Maximum positive peak
RL = 10 kΩ
See Note 5
25
°C
4.7
4.8
4.7
4.8
V
VOM +
Maximum positive peak
output voltage swing
RL = 10 kΩ, See Note 5
Full range
4.7
4.7
V
VOM −
Maximum negative peak
RL = 10 kΩ
See Note 5
25
°C
− 4.7
− 4.9
− 4.7
− 4.9
V
VOM −
Maximum negative peak
output voltage swing
RL = 10 kΩ, See Note 5
Full range
− 4.7
− 4.7
V
AVD
Large-signal differential
VO = ± 4 V,
RL = 10 kΩ
25
°C
120
150
135
150
dB
AVD
Large-signal differential
voltage amplification
VO = ± 4 V,
RL = 10 kΩ
Full range
120
120
dB
fch
Internal chopping frequency
25
°C
450
450
Hz
Clamp on-state current
VO = − 5 V to 5 V
25
°C
25
25
A
Clamp on-state current
VO = − 5 V to 5 V
Full range
25
25
µA
Clamp off-state current
RL = 100 kΩ
25
°C
100
100
pA
Clamp off-state current
RL = 100 kΩ
Full range
500
500
pA
CMRR
Common-mode rejection
VO = 0, VIC = VICRmin,
25
°C
120
140
120
140
dB
CMRR
Common-mode rejection
ratio
VO = 0, VIC = VICRmin,
RS = 50 Ω
Full range
120
120
dB
kSVR
Supply-voltage rejection
VDD ± = ±1.9 V to ±8 V,
25
°C
110
135
110
135
dB
kSVR
Supply-voltage rejection
ratio (
∆VDD±/∆VIO)
VO = 0,
RS = 50 Ω
Full range
110
110
dB
IDD
Supply current
VO = 0,
No load
25
°C
1.5
2.4
1.5
2.4
mA
IDD
Supply current
VO = 0,
No load
Full range
2.5
2.5
mA
∗ On products compliant to MIL-PRF-38535, this parameter is not production tested.
† Full range is − 40° to 125°C for Q suffix, −55° to 125°C for M suffix.
NOTES:
4. Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
at TA = 25° using the Arrhenius equation and assuming an activation energy of 0.96 eV.
5. Output clamp is not connected.
7. This parameter is not production tested. Thermocouple effects preclude measurement of the actual VIO of these devices in high
speed automated testing. VIO is measured to a limit determined by the test equipment capability at the temperature extremes. The
test ensures that the stabilization circuitry is performing properly.


Similar Part No. - TLC2652AMN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2652AMN TI-TLC2652AMN Datasheet
474Kb / 31P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2652AMN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2652 TI1-TLC2652_17 Datasheet
1Mb / 41P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652 TI-TLC2652 Datasheet
474Kb / 31P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2654 TI-TLC2654 Datasheet
427Kb / 30P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652AC-8DR TI-TLC2652AC-8DR Datasheet
869Kb / 39P
[Old version datasheet]   Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC220X TI1-TLC220X_17 Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2801Z TI-TLC2801Z Datasheet
198Kb / 13P
[Old version datasheet]   Advanced LinCMOSE??LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI-TLC220X_08 Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
ICL7652P TI1-ICL7652P Datasheet
2Mb / 16P
[Old version datasheet]   Advanced LinCMOSTM PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
TLC2801 TI1-TLC2801 Datasheet
199Kb / 13P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC220X TI1-TLC220X_15 Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com