Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC3704ID Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3704ID
Description  QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC3704ID Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC3704ID Datasheet HTML 10Page - Texas Instruments TLC3704ID Datasheet HTML 11Page - Texas Instruments TLC3704ID Datasheet HTML 12Page - Texas Instruments TLC3704ID Datasheet HTML 13Page - Texas Instruments TLC3704ID Datasheet HTML 14Page - Texas Instruments TLC3704ID Datasheet HTML 15Page - Texas Instruments TLC3704ID Datasheet HTML 16Page - Texas Instruments TLC3704ID Datasheet HTML 17Page - Texas Instruments TLC3704ID Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
TLC3704, TLC3704M
QUAD MICROPOWER LinCMOS
 VOLTAGE COMPARATORS
SLCS117C − NOVEMBER 1986 − REVISED NOVEMBER 2009
14
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
8
IIB
Input bias current
vs Free-air temperature
9
CMRR
Common-mode rejection ratio
vs Free-air temperature
10
kSVR
Supply-voltage rejection ratio
vs Free-air temperature
11
V
High level output current
vs Free-air temperature
12
VOH
High-level output current
vs Free air temperature
vs High-level output current
12
13
V
Low level output voltage
vs Low-level output current
14
VOL
Low-level output voltage
vs Low level output current
vs Free-air temperature
14
15
tt
Output transition time
vs Load capacitance
16
Supply current response to an output voltage transition
17
Low-to-high-level output response for various input overdrives
18
High-to-low-level output response for various input overdrives
19
tPLH
Low-to-high-level output response time
vs Supply voltage
20
tPHL
High-to-low-level output response time
vs Supply voltage
21
vs Frequency
22
IDD
Supply current
vs Frequency
vs Supply voltage
22
23
IDD
Supply current
vs Supply voltage
vs Free-air temperature
23
24
Figure 8
VDD = 5 V
VIC = 2.5 V
TA = 25° C
−5
−4
−3
−2
−1
0
1
2
3
4
5
VIO − Input Offset Voltage − mV
DISTRIBUTION OF INPUT
OFFSET VOLTAGE
200
180
160
140
120
100
80
60
40
20
0
698 Units Tested
From 4 Wafer Lots
Figure 9
TA − Free-Air Temperature − °C
25
50
75
100
125
10
1
0.1
0.01
0.001
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
VDD = 5 V
VIC = 2.5 V
Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.


Similar Part No. - TLC3704ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3704ID TI-TLC3704ID Datasheet
350Kb / 31P
[Old version datasheet]   QUAD MICROPOWER LinCMOSE VOLTAGE COMPARATORS
TLC3704ID TI1-TLC3704ID Datasheet
1Mb / 37P
[Old version datasheet]   QUAD MICROPOWER LinCMOS. VOLTAGE COMPARATORS
TLC3704IDR TI-TLC3704IDR Datasheet
350Kb / 31P
[Old version datasheet]   QUAD MICROPOWER LinCMOSE VOLTAGE COMPARATORS
More results

Similar Description - TLC3704ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3704-Q1 TI1-TLC3704-Q1_14 Datasheet
395Kb / 26P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3704-Q1 TI-TLC3704-Q1 Datasheet
383Kb / 23P
[Old version datasheet]   QUAD MICROPOWER LINCMOS VOLTAGE COMPARATORS
TLC3704 TI1-TLC3704_14 Datasheet
1Mb / 37P
[Old version datasheet]   QUAD MICROPOWER LinCMOS. VOLTAGE COMPARATORS
TLC3702-Q1 TI1-TLC3702-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702 TI1-TLC3702_16 Datasheet
1Mb / 38P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702MDRG4 TI1-TLC3702MDRG4 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702 TI-TLC3702_V01 Datasheet
1Mb / 39P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702 TI1-TLC3702_14 Datasheet
1Mb / 37P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702CDR TI-TLC3702CDR Datasheet
1Mb / 36P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
logo
STMicroelectronics
TS3704 STMICROELECTRONICS-TS3704_07 Datasheet
137Kb / 11P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com