Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC2274AM Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2274AM
Description  Advanced LinCMOS Rail-To-Rail Operational Amplifiers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2274AM Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC2274AM Datasheet HTML 11Page - Texas Instruments TLC2274AM Datasheet HTML 12Page - Texas Instruments TLC2274AM Datasheet HTML 13Page - Texas Instruments TLC2274AM Datasheet HTML 14Page - Texas Instruments TLC2274AM Datasheet HTML 15Page - Texas Instruments TLC2274AM Datasheet HTML 16Page - Texas Instruments TLC2274AM Datasheet HTML 17Page - Texas Instruments TLC2274AM Datasheet HTML 18Page - Texas Instruments TLC2274AM Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
1
−1
−3
−5
0
250
3
5
500
750 1000
VID − Differential Input Voltage − µV
− 1000 − 750
− 250
− 500
VDD = ± 5 V
TA = 25°C
RL = 10 kΩ
VIC = 0 V
0.1
1
0.1
1
10
100
10
100
1000
RL − Load Resistance − kΩ
VO = ± 1 V
TA = 25°C
VDD = ± 5 V
VDD = 5 V
− 5
− 75
−50
−25
0
25
50
75
100
125
− 1
− 3
7
11
15
TA − Free-Air Temperature − °C
VID = 100 mV
VID = − 100 mV
VO = 0 V
VDD = ± 5 V
3
2
1
0
800
4
5
1200
VID − Differential Input Voltage − µV
− 800
−400
400
0
VDD = 5 V
TA = 25°C
RL = 10 kΩ
VIC = 2.5 V
4
0
2
3
4
8
12
16
5
6
7
8
|VDD ±| − Supply Voltage − V
VID = 100 mV
VO = 0 V
TA = 25°C
− 8
VID = −100 mV
− 4
2
1
0
10 k
100 k
1 M
3
f − Frequency − Hz
4
10 M
6
5
7
8
9
10
VDD = 5 V
VDD = ± 5 V
RL = 10 kΩ
TA = 25°C
15
TLC2272-Q1, TLC2272A-Q1, TLC2274-Q1, TLC2274A-Q1
www.ti.com
SGLS007F – FEBRUARY 2003 – REVISED MARCH 2016
Product Folder Links: TLC2272-Q1 TLC2272A-Q1 TLC2274-Q1 TLC2274A-Q1
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Figure 19. Maximum Peak-to-Peak Output Voltage vs
Frequency
Figure 20. Short-Circuit Output Current vs Supply Voltage
Figure 21. Short-Circuit Output Current vs
Free-Air Temperature
Figure 22. Output Voltage vs Differential Input Voltage
Figure 23. Output Voltage vs Differential Input Voltage
Figure 24. Large-Signal Differential Voltage Amplification vs
Load Resistance


Similar Part No. - TLC2274AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2274AM TI-TLC2274AM Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSTM RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274AM TI1-TLC2274AM Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC2274AM TI1-TLC2274AM Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC2274AM TI-TLC2274AM Datasheet
2Mb / 55P
[Old version datasheet]   TLC227x, TLC227xA: Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC2274AM-MIL TI1-TLC2274AM-MIL Datasheet
1Mb / 33P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifier
More results

Similar Description - TLC2274AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com