Electronic Components Datasheet Search |
|
IDTQS32X245Q2 Datasheet(PDF) 4 Page - Integrated Device Technology |
|
IDTQS32X245Q2 Datasheet(HTML) 4 Page - Integrated Device Technology |
4 / 5 page 4 INDUSTRIALTEMPERATURERANGE IDTQS32X245 HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH POWER SUPPLY CHARACTERISTICS Symbol Parameter TestConditions(1) Max. Unit ICCQ Quiescent Power Supply Current VCC = Max., VIN = GND or Vcc, f = 0 6 µA ∆ICC Power Supply Current per Control Input HIGH (2) VCC = Max., VIN = 3.4V, f = 0 1.5 mA ICCD Dynamic Power Supply Current per MHz(3) VCC = Max., A and B pins open 0.25 mA/MHz Control Inputs Toggling at 50% Duty Cycle NOTES: 1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics. 2. Per TLL driven input (VIN = 3.4V, control inputs only). A and B pins do not contribute to ∆Icc. 3. This current applies to the control inputs only and represents the current required to switch internal capacitance at the specified frequency. The A and B inputs generate no significant AC or DC currents as they transition. This parameter is guaranteed but not production tested. SWITCHING CHARACTERISTICS OVER OPERATING RANGE TA = -40°C to +85°C, VCC = 5.0V ± 5%; CLOAD = 50pF, RLOAD = 500 Ω unless otherwise noted. Symbol Parameter Min.(1) Typ. Max. Unit tPLH DataPropagationDelay(2,3) — — 0.25 ns tPHL An to/from Bn tPZL SwitchTurn-onDelay 0.5 — 5.6 ns tPZH OEn to An/Bn tPLZ SwitchTurn-offDelay(2) 0.5 — 4.5 ns tPHZ OEn to An/Bn NOTES: 1. Minimums are guaranteed but not production tested. 2. This parameter is guaranteed but not production tested. 3. The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time constant for the switch alone is of the order of 0.25ns for CL = 50pF. Since this time constant is much smaller than the rise and fall times of typical driving signals, it adds very little propagation delay to the system. Propagation delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side. |
Similar Part No. - IDTQS32X245Q2 |
|
Similar Description - IDTQS32X245Q2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |