Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC2654CN Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2654CN
Description  Advanced LinCMOS LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2654CN Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC2654CN Datasheet HTML 11Page - Texas Instruments TLC2654CN Datasheet HTML 12Page - Texas Instruments TLC2654CN Datasheet HTML 13Page - Texas Instruments TLC2654CN Datasheet HTML 14Page - Texas Instruments TLC2654CN Datasheet HTML 15Page - Texas Instruments TLC2654CN Datasheet HTML 16Page - Texas Instruments TLC2654CN Datasheet HTML 17Page - Texas Instruments TLC2654CN Datasheet HTML 18Page - Texas Instruments TLC2654CN Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
TLC2654, TLC2654A
Advanced LinCMOS
 LOW-NOISE CHOPPER-STABILIZED
OPERATIONAL AMPLIFIERS
SLOS020G – NOVEMBER 1988 – REVISED APRIL 2001
15
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 14
20
0
–20
–40
40
60
80
10
100
1 k
10 k
100 k
f – Frequency – Hz
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
1 M
10 M
100
120
220
°
200
°
180
°
160
°
140
°
120
°
100
°
80
°
60
°
VDD
± = ±5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
Phase Shift
AVD
Figure 15
TA – Free-Air Temperature – °C
156
154
152
– 25
0
50
158
LARGE-SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
160
100
125
– 50
25
75
VDD
± = ±5 V
RL = 10 kΩ
VO = ± 4 V
– 75
150
Figure 16
|VDD
±| – Supply Voltage – V
10.6
10.2
9.8
9.4
0
1
234
5
11
11.4
CHOPPING FREQUENCY
vs
SUPPLY VOLTAGE
67
8
TA = 25°C
Figure 17
10.5
9.5
9
8.5
–75
– 50
– 25
0
25
50
CHOPPING FREQUENCY
vs
FREE-AIR TEMPERATURE
75
100
125
10
VDD
± = ±5 V
TA – Free-Air Temperature – °C
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.


Similar Part No. - TLC2654CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2654CN TI-TLC2654CN Datasheet
427Kb / 30P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2654CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2652AC-8DR TI-TLC2652AC-8DR Datasheet
869Kb / 39P
[Old version datasheet]   Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2654 TI-TLC2654 Datasheet
427Kb / 30P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC220X TI-TLC220X_V01 Datasheet
1Mb / 71P
[Old version datasheet]   Advanced linCMOS LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2652 TI1-TLC2652_15 Datasheet
957Kb / 39P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652 TI-TLC2652 Datasheet
474Kb / 31P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652 TI1-TLC2652_17 Datasheet
1Mb / 41P
[Old version datasheet]   Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC7652 MICROCHIP-TC7652 Datasheet
456Kb / 16P
   Low Noise, Chopper Stabilized Operational Amplifier
2002
TC7652 MICROCHIP-TC7652_13 Datasheet
226Kb / 18P
   Low Noise, Chopper Stabilized Operational Amplifier
11/29/12
logo
TelCom Semiconductor, I...
TC7652 TELCOM-TC7652 Datasheet
90Kb / 6P
   LOW NOISE, CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Texas Instruments
ICL7652P TI1-ICL7652P Datasheet
2Mb / 16P
[Old version datasheet]   Advanced LinCMOSTM PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com