Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC2272ACDRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272ACDRG4
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifiers
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2272ACDRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC2272ACDRG4 Datasheet HTML 6Page - Texas Instruments TLC2272ACDRG4 Datasheet HTML 7Page - Texas Instruments TLC2272ACDRG4 Datasheet HTML 8Page - Texas Instruments TLC2272ACDRG4 Datasheet HTML 9Page - Texas Instruments TLC2272ACDRG4 Datasheet HTML 10Page - Texas Instruments TLC2272ACDRG4 Datasheet HTML 11Page - Texas Instruments TLC2272ACDRG4 Datasheet HTML 12Page - Texas Instruments TLC2272ACDRG4 Datasheet HTML 13Page - Texas Instruments TLC2272ACDRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
10
TLC2272, TLC2272A, TLC2272M, TLC2272AM
TLC2274, TLC2274A, TLC2274M, TLC2274AM
SLOS190H – FEBRUARY 1997 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TLC2272 TLC2272A TLC2272M TLC2272AM TLC2274 TLC2274A TLC2274M TLC2274AM
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
TLC2274 and TLC2274A Electrical Characteristics VDD = 5 V (continued)
at specified free-air temperature, VDD = 5 V; TA = 25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(3)
Referenced to 0 V.
VOL
Low-level output voltage
VIC = 2.5 V
IOL = 50 μA
0.01
V
IOL = 500 μA
TA = 25°C
0.09
0.15
Full Range(1)
0.15
IOL = 5 mA
TA = 25°C
0.9
1.5
Full Range(1)
1.5
AVD
Large-signal differential
voltage amplification
VIC = 2.5 V, VO = 1 V to
4 V;
RL = 10 kΩ
(3)
C level part
TA = 25°C
15
35
V/mV
TA = 0°C to 80°C
15
I level part
TA = 25°C
15
35
TA = –40°C to 85°C
15
Q level part
TA = 25°C
10
35
TA = –40°C to 125°C
10
M level part
TA = 25°C
10
35
TA = –55°C to 125°C
10
VIC = 2.5 V, VO = 1 V to 4 V; RL = 1 MΩ
(3)
175
rid
Differential input resistance
1012
Ω
ri
Common-mode input resistance
1012
Ω
ci
Common-mode input capacitance
f = 10 kHz, P package
8
pF
zo
Closed-loop output impedance
f = 1 MHz, AV = 10
140
Ω
CMRR
Common-mode rejection ratio
VIC = 0 V to 2.7 V,
VO = 2.5 V, RS = 50 Ω
TA = 25°C
70
75
dB
Full Range(1)
70
kSVR
Supply-voltage rejection ratio
(
ΔVDD / ΔVIO)
VDD = 4.4 V to 16 V,
VIC = VDD / 2, no load
TA = 25°C
80
95
dB
Full Range(1)
80
IDD
Supply currrent
VO = 2.5 V, no load
TA = 25°C
4.4
6
mA
Full Range(1)
6
SR
Slew rate at unity gain
VO = 0.5 V to 2.5 V,
RL = 10 kΩ
(3), C
L = 100 pF
(3)
TA = 25°C
2.3
3.6
V/µs
Full Range(1)
1.7
Vn
Equivalent input noise voltage
f = 10 Hz
50
nV/
√Hz
f = 1 kHz
9
VNPP
Peak-to-peak equivalent
input noise voltage
f = 0.1 Hz to 1 Hz
1
µV
f = 0.1 Hz to 10 Hz
1.4
In
Equivalent input noise current
0.6
fA/
√Hz
THD+N Total harmonic distortion + noise
VO = 0.5 V to 2.5 V,
f = 20 kHz, RL = 10 kΩ
(3)
AV = 1
0.0013%
AV = 10
0.004%
AV = 100
0.03%
Gain-bandwidth product
f = 10 kHz, RL = 10 kΩ
(3), C
L = 100 pF
(3)
2.18
MHz
BOM
Maximum output-swing bandwidth
VO(PP) = 2 V, AV = 1, RL = 10 kΩ
(3), C
L = 100 pF
(3)
1
MHz
ts
Settling time
AV = –1, RL = 10 kΩ
(3),
Step = 0.5 V to 2.5 V, CL = 100 pF
(3)
To 0.1%
1.5
µs
To 0.01%
2.6
φm
Phase margin at unity gain
RL = 10 kΩ
(3), C
L = 100 pF
(3)
50°
Gain margin
RL = 10 kΩ
(3), C
L = 100 pF
(3)
10
dB


Similar Part No. - TLC2272ACDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2272ACDRG4 TI-TLC2272ACDRG4 Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSTM RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272ACDRG4 TI-TLC2272ACDRG4 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272ACDRG4 TI-TLC2272ACDRG4 Datasheet
2Mb / 77P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272ACDRG4 TI-TLC2272ACDRG4 Datasheet
2Mb / 55P
[Old version datasheet]   TLC227x, TLC227xA: Advanced LinCMOS Rail-to-Rail Operational Amplifiers
More results

Similar Description - TLC2272ACDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com