Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC2272ACDR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272ACDR
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifiers
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2272ACDR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC2272ACDR Datasheet HTML 19Page - Texas Instruments TLC2272ACDR Datasheet HTML 20Page - Texas Instruments TLC2272ACDR Datasheet HTML 21Page - Texas Instruments TLC2272ACDR Datasheet HTML 22Page - Texas Instruments TLC2272ACDR Datasheet HTML 23Page - Texas Instruments TLC2272ACDR Datasheet HTML 24Page - Texas Instruments TLC2272ACDR Datasheet HTML 25Page - Texas Instruments TLC2272ACDR Datasheet HTML 26Page - Texas Instruments TLC2272ACDR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
10
10000
CL − Load Capacitance − pF
1000
100
VDD = ± 5 V
TA = 25°C
Rnull = 20 Ω
Rnull = 10 Ω
Rnull = 0
75°
60°
45°
30°
15°
10 k
10 k
VDD −
VDD +
Rnull
CL
VI
Rnull = 100 Ω
Rnull = 50 Ω
3
0
10
6
9
10000
CL − Load Capacitance − pF
12
15
1000
100
VDD = 5 V
AV = 1
RL = 10 kΩ
TA = 25°C
2.1
2
0
1
2
3
4
5
2.2
2.3
6
7
8
|VDD ±| − Supply Voltage − V
2.4
2.5
f = 10 kHz
RL = 10 kΩ
CL = 100 pF
TA = 25°C
− 75
−50
−25
0
25
50
75
100
125
TA − Free-Air Temperature − °C
1.8
1.6
1.4
2
2.4
2.2
2.6
2.8
3
VDD = 5 V
f = 10 kHz
RL = 10 kΩ
CL = 100 pF
23
TLC2272, TLC2272A, TLC2272M, TLC2272AM
TLC2274, TLC2274A, TLC2274M, TLC2274AM
www.ti.com
SLOS190H – FEBRUARY 1997 – REVISED MARCH 2016
Product Folder Links: TLC2272 TLC2272A TLC2272M TLC2272AM TLC2274 TLC2274A TLC2274M TLC2274AM
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
Figure 55. Gain-Bandwidth Product vs Supply Voltage
Figure 56. Gain-Bandwidth Product vs Free-Air Temperature
Figure 57. Phase Margin vs Load Capacitance
Figure 58. Gain Margin vs Load Capacitance


Similar Part No. - TLC2272ACDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2272ACDR TI-TLC2272ACDR Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSTM RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272ACDR TI-TLC2272ACDR Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272ACDR TI-TLC2272ACDR Datasheet
2Mb / 77P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272ACDR TI-TLC2272ACDR Datasheet
2Mb / 55P
[Old version datasheet]   TLC227x, TLC227xA: Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC2272ACDRG4 TI-TLC2272ACDRG4 Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSTM RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2272ACDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com