Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC2810Z Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC2810Z
Description  LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2810Z Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC2810Z Datasheet HTML 2Page - Texas Instruments TLC2810Z Datasheet HTML 3Page - Texas Instruments TLC2810Z Datasheet HTML 4Page - Texas Instruments TLC2810Z Datasheet HTML 5Page - Texas Instruments TLC2810Z Datasheet HTML 6Page - Texas Instruments TLC2810Z Datasheet HTML 7Page - Texas Instruments TLC2810Z Datasheet HTML 8Page - Texas Instruments TLC2810Z Datasheet HTML 9Page - Texas Instruments TLC2810Z Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TLC2810Z, TLC2810Y
LinCMOS
™ PRECISION
DUAL OPERATIONAL AMPLIFIERS
SLOS120A – AUGUST 1993 – REVISED AUGUST 1994
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
TLC2810Z
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VI(PP) =1V
25
°C
3.6
SR
Slew rate at unity gain
RL = 10 kΩ,
CL 20 pF
VI(PP) = 1 V
150
°C
2.8
V/
µs
SR
Slew rate at unity gain
CL = 20 pF,
See Figure 26
VI(PP) =2 5V
25
°C
2.2
V/
µs
See Figure 26
VI(PP) = 2.5 V
150
°C
2.1
V
Equivalent input noise voltage
f =1 kHz,
RS = 20 Ω,
25
°C
25
nV/
√H
Vn
Equivalent input noise voltage
,
See Figure 27
S
,
25
°C
25
nV/
√Hz
BOM
Maximum output swing bandwidth
VO = VOH,
CL = 20 pF,
25
°C
320
kHz
BOM
Maximum output-swing bandwidth
OOH,
RL = 10 kΩ,
L
,
See Figure 26
150
°C
200
kHz
B1
Unity gain bandwidth
VI = 10 mV,
CL = 20 pF,
25
°C
1.7
MHz
B1
Unity-gain bandwidth
I
,
See Figure 28
L
,
150
°C
0.8
MHz
φ
Phase margin
VI = 10 mV,
f = B1,
25
°C
46
°
φm
Phase margin
I
CL = 20 pF,
1
See Figure 28
150
°C
40
°


Similar Part No. - TLC2810Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2810 TI1-TLC2810 Datasheet
336Kb / 23P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2810Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC27L2 TI-TLC27L2 Datasheet
538Kb / 33P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC2810 TI1-TLC2810 Datasheet
336Kb / 23P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2 Datasheet
509Kb / 34P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2 TI1-TLC27L2_16 Datasheet
1Mb / 50P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4 Datasheet
603Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4 Datasheet
555Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4 TI1-TLC27L4_14 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC252 TI-TLC252 Datasheet
330Kb / 21P
[Old version datasheet]   LinCMOSE DUAL OPERATIONAL AMPLIFIERS
TLC27M4BCDR TI1-TLC27M4BCDR Datasheet
557Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC1078 TI-TLC1078 Datasheet
530Kb / 33P
[Old version datasheet]   LinCMOSE mPOWER PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com