Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLC2551IDGK Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part No. TLC2551IDGK
Description  5-V, LOW-POWER, 12-BIT, 175/360 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2551IDGK Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC2551IDGK Datasheet HTML 8Page - Texas Instruments TLC2551IDGK Datasheet HTML 9Page - Texas Instruments TLC2551IDGK Datasheet HTML 10Page - Texas Instruments TLC2551IDGK Datasheet HTML 11Page - Texas Instruments TLC2551IDGK Datasheet HTML 12Page - Texas Instruments TLC2551IDGK Datasheet HTML 13Page - Texas Instruments TLC2551IDGK Datasheet HTML 14Page - Texas Instruments TLC2551IDGK Datasheet HTML 15Page - Texas Instruments TLC2551IDGK Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
TLC2551, TLC2552, TLC2555
5-V, LOW-POWER, 12-BIT, 175/360 KSPS,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
SLAS276D – MARCH 2000 – REVISED MAY 2003
12
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
16
OD0
SCLK
VIH
CS
OD11
SDO
t(sample)
tc
4
12
tw(L_SCLK)
OD8
12
VIL
tsu(CSL-SCLKL)
tw(H_SCLK)
th(EOC-CSH)
tw(H_CS)
t(powerdown)
FS
th(SCLKL-FSL)
tsu(FSH-SCLKL)
tw(H_FS)
td(CSL-FSH)
td(CSL-SDOV)
td(SCLKH-SDOV)
td(SCLK17H-SDOZ)
44
Figure 6. TLC2551 Critical Timing (Control via CS and FS or FS only)
OD10
OD0
SCLK
1
SDO
t(sample)
tc
4
16
12
OD9
2
CS
td(SCLKH-SDOV)
td(CSL-SDOV)
OD11
t(powerdown)
tsu(CSL–SCLKL)
th(EOC–CSH)
44
td(SCLK17H-SDOZ)
Figure 7. TLC2551 Critical Timing (Control via CS only, FS = 1)


Similar Part No. - TLC2551IDGK

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TLC2551IDGK TI-TLC2551IDGK Datasheet
365Kb / 23P
[Old version datasheet]   5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
More results

Similar Description - TLC2551IDGK

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TLC2551 TI-TLC2551 Datasheet
365Kb / 23P
[Old version datasheet]   5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI-TLV2541 Datasheet
426Kb / 26P
[Old version datasheet]   2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541IDR TI-TLV2541IDR Datasheet
1Mb / 30P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI1-TLV2541_14 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDR TI-TLV2542IDR Datasheet
1Mb / 31P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLC4545ID TI1-TLC4545ID Datasheet
805Kb / 26P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC4541 TI-TLC4541 Datasheet
341Kb / 21P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG TO DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC3541 TI-TLC3541 Datasheet
481Kb / 23P
[Old version datasheet]   5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz