Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLC2551IDGK Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part No. TLC2551IDGK
Description  5-V, LOW-POWER, 12-BIT, 175/360 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2551IDGK Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC2551IDGK Datasheet HTML 12Page - Texas Instruments TLC2551IDGK Datasheet HTML 13Page - Texas Instruments TLC2551IDGK Datasheet HTML 14Page - Texas Instruments TLC2551IDGK Datasheet HTML 15Page - Texas Instruments TLC2551IDGK Datasheet HTML 16Page - Texas Instruments TLC2551IDGK Datasheet HTML 17Page - Texas Instruments TLC2551IDGK Datasheet HTML 18Page - Texas Instruments TLC2551IDGK Datasheet HTML 19Page - Texas Instruments TLC2551IDGK Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
TLC2551, TLC2552, TLC2555
5-V, LOW-POWER, 12-BIT, 175/360 KSPS,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
SLAS276D – MARCH 2000 – REVISED MAY 2003
16
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
–0.5
–1
1
0
0.5
Digital Output Codes
INTEGRAL NONLINEARITY
vs
DIGITAL OUTPUT CODES
1
4094
VDD = REF = 5 V
400 KSPS
Figure 16
–60
–80
0
20
40
60
80
100
–40
–20
f – Input Frequency – KHz
2048 POINTS FAST FOURIER TRANSFORM (FFT)
0
–120
–140
–100
–160
120
140
160
180
200
VDD = REF = 5.5 V
400 KSPS
fi = 20 kHz
Figure 17


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn