Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC2543M Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2543M
Description  12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2543M Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC2543M Datasheet HTML 17Page - Texas Instruments TLC2543M Datasheet HTML 18Page - Texas Instruments TLC2543M Datasheet HTML 19Page - Texas Instruments TLC2543M Datasheet HTML 20Page - Texas Instruments TLC2543M Datasheet HTML 21Page - Texas Instruments TLC2543M Datasheet HTML 22Page - Texas Instruments TLC2543M Datasheet HTML 23Page - Texas Instruments TLC2543M Datasheet HTML 24Page - Texas Instruments TLC2543M Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
TLC2543Q1
12BIT ANALOGTODIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SGLS218D − NOVEMBER 2003 − REVISED MAY 2008
21
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
simplified analog input analysis
Using the equivalent circuit in Figure 18, the time required to charge the analog input capacitance from 0 V to
VS within 1/2 LSB can be derived as follows:
The capacitance charging voltage is given by:
(1)
Where:
Rt = Rs + ri
V
C +
V
S
1–e
–tc RtCi
The final voltage to 1/2 LSB is given by:
(2)
VC (1/2 LSB) = VS − (VS/8192)
Equating equation 1 to equation 2 and solving for time tc gives:
(3)
and
tc (1/2 LSB) = Rt × Ci × ln(8192)
(4)
V
S *
V
S
8192
+ V
S
1–e
–tc RtCi
Therefore, with the values given, the time for the analog input signal to settle is:
(5)
tc (1/2 LSB) = (Rs + 1 kΩ) × 60 pF × ln(8192)
This time must be less than the converter sample time shown in the timing diagrams.
Rs
ri
VS
VC
60 pF Max
1 k
Ω Max
Driving Source†
TLC2543
Ci
VI
VI = Input Voltage at AIN
VS = External Driving Source Voltage
Rs = Source Resistance
ri = Input Resistance
Ci = Input Capacitance
VC= Capacitance Charging Voltage
† Driving source requirements:
• Noise and distortion for the source must be equivalent to the
resolution of the converter.
• Rs must be real at the input frequency.
• Rs must not exceed 1 kΩ.
Figure 18. Equivalent Input Circuit Including the Driving Source


Similar Part No. - TLC2543M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2543M TI-TLC2543M Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543M TI-TLC2543M Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543M TI-TLC2543M Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MDBREP TI-TLC2543MDBREP Datasheet
387Kb / 25P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MEP TI-TLC2543MEP Datasheet
387Kb / 25P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results

Similar Description - TLC2543M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI-TLC2543C Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543IDWR TI-TLC2543IDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CFNRG3 TI-TLC2543CFNRG3 Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI-TLC2543-Q1 Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI1-TLC2543C_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543C TI-TLV2543C Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com