Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC2543M Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2543M
Description  12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2543M Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLC2543M Datasheet HTML 13Page - Texas Instruments TLC2543M Datasheet HTML 14Page - Texas Instruments TLC2543M Datasheet HTML 15Page - Texas Instruments TLC2543M Datasheet HTML 16Page - Texas Instruments TLC2543M Datasheet HTML 17Page - Texas Instruments TLC2543M Datasheet HTML 18Page - Texas Instruments TLC2543M Datasheet HTML 19Page - Texas Instruments TLC2543M Datasheet HTML 20Page - Texas Instruments TLC2543M Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
TLC2543Q1
12BIT ANALOGTODIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SGLS218D − NOVEMBER 2003 − REVISED MAY 2008
17
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
data format and pad bits (continued)
When CS is held low continuously, the first data bit of the newly completed conversion occurs on DATA OUT
on the rising edge of EOC. When a new conversion is started after the last falling edge of I/O CLOCK, EOC goes
low and the serial output is forced to a setting of 0 until EOC goes high again.
When CS is negated between conversions, the first data bit occurs on DATA OUT on the falling edge of CS.
On each subsequent falling edge of I/O CLOCK after the first data bit appears, the data is changed to the next
bit in the serial conversion result until the required number of bits has been output.
chip-select input (CS)
CS enables and disables the device. During normal operation, CS should be low. Although the use of CS is not
necessary to synchronize a data transfer, it can be brought high between conversions to coordinate the data
transfer of several devices sharing the same bus.
When CS is brought high, the serial-data output is immediately brought to the high-impedance state, releasing
its output data line to other devices that may share it. After an internally generated debounce time, I/O CLOCK
is inhibited, thus preventing any further change in the internal state.
When CS is subsequently brought low again, the device is reset. CS must be held low for an internal debounce
time before the reset operation takes effect. After CS is debounced low, I/O CLOCK must remain inactive (low)
for a minimum time before a new I/O cycle can start.
CS can interrupt any ongoing data transfer or any ongoing conversion. When CS is debounced low long enough
before the end of the current conversion cycle, the previous conversion result is saved in the internal output
buffer and shifted out during the next I/O cycle.
power-down features
When a binary address of 1110 is clocked into the input data register during the first four I/O CLOCK cycles,
the power-down mode is selected. Power down is activated on the falling edge of the fourth I/O CLOCK pulse.
During power down, all internal circuitry is put in a low-current standby mode. No conversions are performed,
and the internal output buffer keeps the previous conversion cycle data results provided that all digital inputs
are held above VCC − 0.5 V or below 0.5 V. The I/O logic remains active so the current I/O cycle must be
completed even when the power-down mode is selected. Upon power-on reset and before the first I/O cycle,
the converter normally begins in the power-down mode. The device remains in the power-down mode until a
valid input address (other than 1110) is clocked in. Upon completion of that I/O cycle, a normal conversion is
performed with the results being shifted out during the next I/O cycle.


Similar Part No. - TLC2543M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2543M TI-TLC2543M Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543M TI-TLC2543M Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543M TI-TLC2543M Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MDBREP TI-TLC2543MDBREP Datasheet
387Kb / 25P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MEP TI-TLC2543MEP Datasheet
387Kb / 25P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results

Similar Description - TLC2543M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI-TLC2543C Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543IDWR TI-TLC2543IDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CFNRG3 TI-TLC2543CFNRG3 Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI-TLC2543-Q1 Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI1-TLC2543C_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543C TI-TLV2543C Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com