Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9555201QHA Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9555201QHA
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifiers
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9555201QHA Datasheet(HTML) 19 Page - Texas Instruments

Back Button 5962-9555201QHA Datasheet HTML 15Page - Texas Instruments 5962-9555201QHA Datasheet HTML 16Page - Texas Instruments 5962-9555201QHA Datasheet HTML 17Page - Texas Instruments 5962-9555201QHA Datasheet HTML 18Page - Texas Instruments 5962-9555201QHA Datasheet HTML 19Page - Texas Instruments 5962-9555201QHA Datasheet HTML 20Page - Texas Instruments 5962-9555201QHA Datasheet HTML 21Page - Texas Instruments 5962-9555201QHA Datasheet HTML 22Page - Texas Instruments 5962-9555201QHA Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 63 page
background image
TA − Free-Air Temperature − °C
− 75
− 50
−25
0
25
50
75
100
125
100
95
90
85
105
110
VDD ± = ± 2.2 V to ± 8 V
VO = 0 V
0
1
2
3
4
5
6
7
8
0
0.6
1.2
1.8
2.4
3
|VDD ± | − Supply Voltage − V
VO = 0 V
No Load
TA = 25°C
TA = − 55°C
TA = 125°C
40
20
0
10
100
1 k
60
80
f − Frequency − Hz
100
10 k
100 k
1 M
10 M
VDD = 5 V
TA = 25°C
kSVR+
kSVR −
− 20
40
20
0
10
100
1 k
60
80
f − Frequency − Hz
100
10 k
100 k
1 M
10 M
VDD = ± 5 V
TA = 25°C
kSVR+
kSVR −
− 20
60
40
20
0
10
100
1 k
10 k
80
100
100 k
1 M
f − Frequency − Hz
VDD = ± 5 V
VDD = 5 V
10 M
TA = 25°C
TA − Free-Air Temperature − °C
82
78
74
70
86
90
− 75
−50
− 25
0
25
50
75
100
125
VDD = ± 5 V
VDD = 5 V
VIC = 0 V to 2.7 V
VIC = −5 V to 2.7 V
19
TLC2272, TLC2272A, TLC2272M, TLC2272AM
TLC2274, TLC2274A, TLC2274M, TLC2274AM
www.ti.com
SLOS190H – FEBRUARY 1997 – REVISED MARCH 2016
Product Folder Links: TLC2272 TLC2272A TLC2272M TLC2272AM TLC2274 TLC2274A TLC2274M TLC2274AM
Submit Documentation Feedback
Copyright © 1997–2016, Texas Instruments Incorporated
Figure 31. Common-Mode Rejection Ratio vs Frequency
Figure 32. Common-Mode Rejection Ratio vs
Free-Air Temperature
Figure 33. Supply-Voltage Rejection Ratio vs Frequency
Figure 34. Supply-Voltage Rejection Ratio vs Frequency
Figure 35. Supply-Voltage Rejection Ratio vs
Free-Air Temperature
Figure 36. TLC2272 Supply Current vs Supply Voltage


Similar Part No. - 5962-9555201QHA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9555201QHA TI-5962-9555201QHA Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSTM RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
5962-9555201QHA TI-5962-9555201QHA Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
5962-9555201QHA TI-5962-9555201QHA Datasheet
2Mb / 77P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
5962-9555201QHA TI1-5962-9555201QHA Datasheet
1Mb / 36P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifier
More results

Similar Description - 5962-9555201QHA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com