Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

10S45SP-TO277 Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part No. 10S45SP-TO277
Description  Trench MOS Barrier Schottky Rectifier, Low VF Low IR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Homepage  http://www.yfwdiode.com/
Logo 

10S45SP-TO277 Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
0.1
1
10
100
0.1
0.2
0.3
0.4
0.5
0.6
Forward Voltage(V)
Typical Forward Voltage Characteristics
25℃
125℃
85℃
100℃
0.001
0.01
0.1
1
10
100
10.00
20.00
30.00
40.00
Reverse Voltage (V)
Typical Reverse Leakage Characteristics
125℃
25℃
85℃
100℃
0
2
4
6
8
10
12
0
25
50
75
100
125
150
175
Case Temperature (°C)
Forward Current Derating Curve
100
1000
10000
0.1
1
10
100
Reverse Voltage (V)
Typical Junction Capacitance Per Diode
10S45SP TO277
www.yfwdiode.com


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn