Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT821024PP Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT821024PP
Description  QUAD NON-PROGRAMMABLE PCM CODEC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT821024PP Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT821024PP Datasheet HTML 5Page - Integrated Device Technology IDT821024PP Datasheet HTML 6Page - Integrated Device Technology IDT821024PP Datasheet HTML 7Page - Integrated Device Technology IDT821024PP Datasheet HTML 8Page - Integrated Device Technology IDT821024PP Datasheet HTML 9Page - Integrated Device Technology IDT821024PP Datasheet HTML 10Page - Integrated Device Technology IDT821024PP Datasheet HTML 11Page - Integrated Device Technology IDT821024PP Datasheet HTML 12Page - Integrated Device Technology IDT821024PP Datasheet HTML 13Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
INDUSTRIAL TEMPERATURE RANGE
IDT821024 QUAD NON-PROGRAMMABLE PCM CODEC
TIMING CHARACTERISTICS
Clock
Parameter
Description
Min
Typ
Max
Units
Test Conditions
t1
PCLK Duty Cycle
40
60
%
PCLK=512kHz to 8.192MHz
t2
PCLK Rise and Fall Time
25
ns
PCLK=512kHz to 8.192MHz
t3
MCLK Duty Cycle
40
60
%
MCLK=2.048Hz,4.096MHz
or 8.192MHz
t4
MCLK Rise and Fall Time
15
ns
MCLK=2.048Hz,4.096MHz
or 8.192MHz
t5
PCLK Clock Period
244
ns
PCLK=512kHz to 8.192MHz
Transmit
Parameter
Description
Min
Typ
Max
Units
Test Conditions
t11
Data Output Delay Time (for Short
Frame Sync Mode)
5
70
ns
t12
Data Hold Time
5
70
ns
t13
Data Delay to High-Z
50
220
t5+70
ns
t14
Frame sync Hold Time
50
ns
t15
Frame sync High Setup Time
55
t5-50
ns
t16
TSC Enable Delay Time(for Short
Frame Sync Mode)
5
80
ns
t17
TSC Disable Delay Time
50
220
t5+70
ns
t18
Data Output Delay Time(for Long
Frame Sync Mode)
5
40
ns
t19
TSC Enable Delay Time(for Long
Frame Sync Mode)
5
40
ns
t21
Receive Data Setup Time
25
ns
t22
Receive Data Hold Time
5
ns
Figure 2. MCLK Timing
Note: Timing parameter t13 is referenced to a high-impedance state.
MCLK
t4
t4


Similar Part No. - IDT821024PP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
logo
Renesas Technology Corp
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
logo
Integrated Device Techn...
IDT821034DN IDT-IDT821034DN Datasheet
253Kb / 19P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
logo
Renesas Technology Corp
IDT821034DNG RENESAS-IDT821034DNG Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
logo
Integrated Device Techn...
IDT821054 IDT-IDT821054 Datasheet
506Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
More results

Similar Description - IDT821024PP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
logo
Integrated Device Techn...
821024 IDT-821024_14 Datasheet
696Kb / 14P
   QUAD NON-PROGRAMMABLE PCM CODEC
logo
Renesas Technology Corp
821004J RENESAS-821004J Datasheet
1,003Kb / 16P
   QUAD NON-PROGRAMMABLE PCM CODEC
NOVEMBER 2020
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
logo
Integrated Device Techn...
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
List of Unclassifed Man...
IDT821054PQFG ETC-IDT821054PQFG Datasheet
512Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Integrated Device Techn...
IDT821054 IDT-IDT821054 Datasheet
506Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT821064 IDT-IDT821064 Datasheet
510Kb / 33P
   QUAD PROGRAMMABLE PCM CODEC WITH GCI INTERFACE
logo
Renesas Technology Corp
IDT821054 RENESAS-IDT821054 Datasheet
788Kb / 46P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com