Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C27243-24SIT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8C27243-24SIT
Description  PSoC Mixed Signal Array
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C27243-24SIT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8C27243-24SIT Datasheet HTML 5Page - Cypress Semiconductor CY8C27243-24SIT Datasheet HTML 6Page - Cypress Semiconductor CY8C27243-24SIT Datasheet HTML 7Page - Cypress Semiconductor CY8C27243-24SIT Datasheet HTML 8Page - Cypress Semiconductor CY8C27243-24SIT Datasheet HTML 9Page - Cypress Semiconductor CY8C27243-24SIT Datasheet HTML 10Page - Cypress Semiconductor CY8C27243-24SIT Datasheet HTML 11Page - Cypress Semiconductor CY8C27243-24SIT Datasheet HTML 12Page - Cypress Semiconductor CY8C27243-24SIT Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
CY8C27143, CY8C27243
CY8C27443, CY8C27543
CY8C27643
Document Number: 38-12012 Rev. *T
Page 9 of 63
Pinouts
The CY8C27x43 PSoC device is available in a variety of packages which are listed and illustrated in the following tables. Every port
pin (labeled with a “P”) is capable of Digital I/O. However, Vss, VDD, SMP, and XRES are not capable of Digital I/O.
8-pin Part Pinout
20-pin Part Pinout
Note
3. These are the ISSP pins, which are not High Z at POR (Power On Reset). See the PSoC Programmable System-on-Chip Technical Reference Manual for details.
Table 2. Pin Definitions – 8-pin PDIP
Pin
No.
Type
Pin
Name
Description
Figure 3. CY8C27143 8-pin PSoC Device
Digital
Analog
1
I/O
I/O
P0[5]
Analog column mux input and column output
2
I/O
I/O
P0[3]
Analog column mux input and column output
3
I/O
P1[1]
Crystal Input (XTALin), I2C serial clock (SCL),
ISSP-SCLK[3]
4
Power
Vss
Ground connection.
5
I/O
P1[0]
Crystal output (XTALout), I2C serial data (SDA),
ISSP-SDATA[3]
6
I/O
I/O
P0[2]
Analog column mux input and column output
7
I/O
I/O
P0[4]
Analog column mux input and column output
8
Power
VDD
Supply voltage
LEGEND: A = Analog, I = Input, and O = Output.
PDIP
1
2
3
4
A, IO, P0[5]
A, IO, P0[3]
I2CSCL, XTALin, P1[1]
VSS
8
7
6
5
VDD
P0[4], A, IO
P0[2], A, IO
P1[0], XTALout, I2CSDA
Table 3. Pin Definitions – 20-pin SSOP, SOIC
Pin
No.
Type
Pin
Name
Description
Figure 4. CY8C27243 20-pin PSoC Device
Digital
Analog
1
I/O
I
P0[7]
Analog column mux input
2
I/O
I/O
P0[5]
Analog column mux input and column output
3
I/O
I/O
P0[3]
Analog column mux input and column output
4
I/O
I
P0[1]
Analog column mux input
5
Power
SMP
Switch Mode Pump (SMP) connection to external
components required
6
I/O
P1[7]
I2C Serial Clock (SCL)
7
I/O
P1[5]
I2C Serial Data (SDA)
8
I/O
P1[3]
9
I/O
P1[1]
Crystal input (XTALin), I2C SCL, ISSP-SCLK[3]
10
Power
Vss
Ground connection.
11
I/O
P1[0]
Crystal output (XTALout), I2C SDA, ISSP-SDATA[3]
12
I/O
P1[2]
13
I/O
P1[4]
Optional external clock input (EXTCLK)
14
I/O
P1[6]
15
Input
XRES
Active high external reset with internal pull down
16
I/O
I
P0[0]
Analog column mux input
17
I/O
I/O
P0[2]
Analog column mux input and column output
18
I/O
I/O
P0[4]
Analog column mux input and column output
19
I/O
I
P0[6]
Analog column mux input
20
Power
VDD
Supply voltage
LEGEND: A = Analog, I = Input, and O = Output.
SSOP
SOIC
VDD
P0[6], A, I
P0[4], A, IO
P0[2], A, IO
P0[0], A, I
XRES
P1[6]
P1[4], EXTCLK
P1[2]
P1[0], XTALout, I2C
SDA
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
A, I, P0[7]
A, IO, P0[5]
A, IO, P0[3]
A, I, P0[1]
SMP
I2CSCL, P1[7]
I2CSDA, P1[5]
P1[3]
I2CSCL, XTALin, P1[1]
VSS
[+] Feedback


Similar Part No. - CY8C27243-24SIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C27243-24SIT CYPRESS-CY8C27243-24SIT Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
More results

Similar Description - CY8C27243-24SIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C22113 CYPRESS-CY8C22113_04 Datasheet
754Kb / 36P
   PSoC??Mixed Signal Array
CY8C24123 CYPRESS-CY8C24123 Datasheet
632Kb / 41P
   PSoC Mixed Signal Array
CY8C21123 CYPRESS-CY8C21123 Datasheet
330Kb / 33P
   PSoC??Mixed-Signal Array
CY8C24123A CYPRESS-CY8C24123A Datasheet
499Kb / 47P
   PSoC Mixed-Signal Array
CY8C22213 CYPRESS-CY8C22213 Datasheet
2Mb / 304P
   PSoC Mixed Signal Array
CY8C21534 CYPRESS-CY8C21534 Datasheet
376Kb / 35P
   PSoC Mixed-Signal Array
CY8C27466 CYPRESS-CY8C27466 Datasheet
799Kb / 39P
   PSoC??Mixed Signal Array
CY8C29466 CYPRESS-CY8C29466 Datasheet
474Kb / 40P
   Mixed Signal Array
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com