Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC1551IFNG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC1551IFNG4
Description  10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1551IFNG4 Datasheet(HTML) 3 Page - Texas Instruments

  TLC1551IFNG4 Datasheet HTML 1Page - Texas Instruments TLC1551IFNG4 Datasheet HTML 2Page - Texas Instruments TLC1551IFNG4 Datasheet HTML 3Page - Texas Instruments TLC1551IFNG4 Datasheet HTML 4Page - Texas Instruments TLC1551IFNG4 Datasheet HTML 5Page - Texas Instruments TLC1551IFNG4 Datasheet HTML 6Page - Texas Instruments TLC1551IFNG4 Datasheet HTML 7Page - Texas Instruments TLC1551IFNG4 Datasheet HTML 8Page - Texas Instruments TLC1551IFNG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TLC1550I, TLC1550M, TLC1551I
10BIT ANALOGTODIGITAL CONVERTERS
WITH PARALLEL OUTPUTS
SLAS043G − MAY 1991 − REVISED NOVEMBER 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.†
NO.‡
DESCRIPTION
ANLG GND
4
3
Analog ground. The reference point for the voltage applied on terminals ANLG VDD, AIN, REF+, and REF−.
AIN
5
4
Analog voltage input. The voltage applied to AIN is converted to the equivalent digital output.
ANLG VDD
6
5
Analog positive power supply voltage. The voltage applied to this terminal is designated VDD3.
CLKIN
26
22
Clock input. CLKIN is used for external clocking instead of using the internal system clock. It usually takes a
few microseconds before the internal clock is disabled. To use the internal clock, CLKIN should be tied high
or left unconnected.
CS
25
21
Chip-select. CS must be low for RD or WR to be recognized by the A/D converter.
D0
13
11
Data bus output. D0 is bit 1 (LSB).
D1
14
12
Data bus output. D1 is bit 2.
D2
16
13
Data bus output. D2 is bit 3.
D3
17
14
Data bus output. D3 is bit 4.
D4
18
15
Data bus output. D4 is bit 5.
D5
19
16
Data bus output. D5 is bit 6.
D6
20
17
Data bus output. D6 is bit 7.
D7
21
18
Data bus output. D7 is bit 8.
D8
23
19
Data bus output. D8 is bit 9.
D9
24
20
Data bus output. D9 is bit 10 (MSB).
DGTL GND1
7
6
Digital ground 1. The ground for power supply DGTL VDD1 and is the substrate connection
DGTL GND2
9
7
Digital ground 2. The ground for power supply DGTL VDD2
DGTL VDD1
10
8
Digital positive power-supply voltage 1. DGTL VDD1 supplies the logic. The voltage applied to DGTL VDD1 is
designated VDD1.
DGTL VDD2
11
9
Digital positive power-supply voltage 2. DGTL VDD2 supplies only the higher-current output buffers. The voltage
applied to DGTL VDD2 is designated VDD2.
EOC
12
10
End-of-conversion. EOC goes low indicating that conversion is complete and the results have been transferred
to the output latch. EOC can be connected to the
µP- or DSP-interrupt terminal or can be continuously polled.
RD
28
24
Read input. When CS is low and RD is taken low, the data is placed on the data bus from the output latch. The
output latch stores the conversion results at the most recent negative edge of EOC. The falling edge of RD
resets EOC to a high within the td(EOC) specifications.
REF+
2
1
Positive voltage-reference input. Any analog input that is greater than or equal to the voltage on REF+ converts
to 1111111111. Analog input voltages between REF + and REF − convert to the appropriate result in a ratiometric
manner.
REF −
3
2
Negative voltage reference input. Any analog input that is less than or equal to the voltage on REF − converts
to 0000000000.
WR
27
23
Write input. When CS is low, conversion is started on the rising edge of WR. On this rising edge, the ADC holds
the analog input until conversion is completed. Before and after the conversion period, which is given by t conv,
the ADC remains in the sampling mode.
† Terminal numbers for FK and FN packages.
‡ Terminal numbers for J, DW, and NW packages.


Similar Part No. - TLC1551IFNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1551IFNG4 TI-TLC1551IFNG4 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1551IFNG4 TI1-TLC1551IFNG4 Datasheet
329Kb / 17P
[Old version datasheet]   Power Dissipation . . . 40 mW Max Advanced LinEPIC田?Single-Poly Process
More results

Similar Description - TLC1551IFNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1550I TI-TLC1550I Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550I TI-TLC1550I_07 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_15 Datasheet
702Kb / 23P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_07 Datasheet
467Kb / 21P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Microchip Technology
MCP300X MICROCHIP-MCP300X Datasheet
450Kb / 2P
   MCP300X 10-Bit Analog-to-Digital Converters
2001
logo
Texas Instruments
TLC876M TI-TLC876M_07 Datasheet
383Kb / 22P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLC876M TI-TLC876M Datasheet
314Kb / 23P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLC876 TI1-TLC876 Datasheet
346Kb / 22P
[Old version datasheet]   10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com