Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CST7030-050L_ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # CST7030-050L_
Description  Current Sense Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

CST7030-050L_ Datasheet(HTML) 1 Page - Coilcraft lnc.

  CST7030-050L_ Datasheet HTML 1Page - Coilcraft lnc. CST7030-050L_ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Current Sense Transformers CST7030
Document 1101-1
Document 1101-1 Revised 06/24/15
DCR max
Frequency
Volt-time
Sensed
Terminating
Turns (N)
Inductance2
(Ohms)
range
product3
current Iin4 resistance RT5
Part number1
pri:sec
min (mH)
pri
sec
(kHz)
(Vµsec)
max (A)
(Ohms)
CST7030-020L_
1
:20
0.053
0.0015
0.420
78 – 1000
6.4
20
1.0
CST7030-050L_
1
:50
0.333
0.0015
2.76
31 – 1000
16.0
20
2.5
CST7030-070L_
1
:70
0.652
0.0015
5.04
22 – 1000
22.4
20
3.5
CST7030-100L_
1
:100
1.330
0.0015
10.68
16 – 1000
32.0
20
5.0
CST7030-150L_
1
:150
2.993
0.0015
22.30
10 – 1000
48.0
20
7.5
1. When ordering, please specify
packaging code:
CST7030-150LC
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (600 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked (2500 parts per
full reel).
2. Inductance measured between secondary pins at 100 kHz, 0.1 Vrms,
0 Adc.
3. Maximum volt-time product is for the secondary, based on 2000 Gauss.
4. Primary current of 20 A causes less than 25°C temperature rise from
25°C ambient. Higher current causes a greater temperature rise (see
Temperature Rise vs Current curve).
5. Terminating resistance (RT) value is based on 1 Volt output with 20 Amps
flowing through the primary. Varying terminating resistance increases or
decreases output Voltage/Ampere according to the following equation:
RT = Vout × Nsec/
Iin.
6 Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Core material Ferrite
Terminations RoHS compliant tin-silver over tin over nickel over phos
bronze
Weight 0.16 g
Ambient temperature –40°C to +125°C
Maximum part temperature +165°C (ambient + temp rise)
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 600/7
″ reel; 2500/13″ reel Plastic tape: 16 mm wide,
0.35 mm thick, 8 mm pocket spacing, 3.0 mm pocket depth
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• AEC-Q200 Grade 1 qualified (–40°C to +125°C ambient)
• Small surface mount current sensors
• Sensed current up to 20 A; Frequency range up to 1 MHz
• Very low primary DC resistance
• 500 Vrms, one minute isolation (hipot) between windings
• Designed for:
Continuous AC current monitoring in switched-mode power
supply; Overload and short-circuit protection; Current
measurement in traction motor and battery management
systems in conventional and xEV (EV, HEV, FCEV) vehicles.
• Can also be used in 48 V vehicle electrical systems
Typical Circuit
4
Sec
(N turns)
Pri
(1 turn)
3
2
1
RT
Vout
Iin


Similar Part No. - CST7030-050L_

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CST MERITEK-CST Datasheet
377Kb / 6P
   High power rating up to 3 Watts in 2512 size
logo
Alpha Wire
CST-10 ALPHAWIRE-CST-10 Datasheet
95Kb / 3P
   Customer Specification
9/8/2022
logo
List of Unclassifed Man...
CST-1005 ETC2-CST-1005 Datasheet
472Kb / 2P
   Current Sense Transformers
logo
TRIAD MAGNETICS
CST-1005 TRIAD-CST-1005 Datasheet
86Kb / 1P
   50/60 Hz Current Sense Transformers
logo
List of Unclassifed Man...
CST-1010 ETC2-CST-1010 Datasheet
472Kb / 2P
   Current Sense Transformers
More results

Similar Description - CST7030-050L_

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3108G-XXX PCA-EPC3108G-XXX_15 Datasheet
25Kb / 1P
   Current Sense Transformers
logo
TRIAD MAGNETICS
CST306-3A TRIAD-CST306-3A Datasheet
85Kb / 1P
   Current Sense Transformers
logo
Coilcraft lnc.
CS4050V-01L COILCRAFT-CS4050V-01L_15 Datasheet
255Kb / 1P
   Current Sense Transformers
logo
PCA ELECTRONICS INC.
EPC3108G-125 PCA-EPC3108G-125_07 Datasheet
25Kb / 1P
   Current Sense Transformers
logo
TRIAD MAGNETICS
CST206-1T TRIAD-CST206-1T Datasheet
86Kb / 1P
   Current Sense Transformers
CST206-3A TRIAD-CST206-3A Datasheet
85Kb / 1P
   Current Sense Transformers
logo
Coilcraft lnc.
CST2010 COILCRAFT-CST2010 Datasheet
182Kb / 2P
   Current Sense Transformers
logo
PCA ELECTRONICS INC.
EP151XXX PCA-EP151XXX_15 Datasheet
22Kb / 1P
   Current Sense Transformers
logo
TRIAD MAGNETICS
CST-1025 TRIAD-CST-1025 Datasheet
86Kb / 1P
   Current Sense Transformers
logo
Coilcraft lnc.
CST4835 COILCRAFT-CST4835 Datasheet
273Kb / 2P
   Current Sense Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com