Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC374MD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC374MD
Description  LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC374MD Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC374MD Datasheet HTML 5Page - Texas Instruments TLC374MD Datasheet HTML 6Page - Texas Instruments TLC374MD Datasheet HTML 7Page - Texas Instruments TLC374MD Datasheet HTML 8Page - Texas Instruments TLC374MD Datasheet HTML 9Page - Texas Instruments TLC374MD Datasheet HTML 10Page - Texas Instruments TLC374MD Datasheet HTML 11Page - Texas Instruments TLC374MD Datasheet HTML 12Page - Texas Instruments TLC374MD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
TLC374, TLC374Q, TLC374Y
LinCMOS
 QUADRUPLE DIFFERENTIAL COMPARATORS
SLCS118C – NOVEMBER 1983 – REVISED MARCH 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Response time is defined as the interval between the application of an input step function and the instant when the
output reaches 50% of its maximum value. Response time, low-to-high-level output, is measured from the trailing
edge of the input pulse. Response-time measurement at low input signal levels can be greatly affected by the input
offset voltage. The offset voltage should be balanced by the adjustment at the inverting input (as shown in Figure 3)
so that the circuit is just at the transition point. Then a low signal, for example, 105-mV or 5-mV overdrive, causes
the output to change state.
50%
OUT
5.1 k
1
µF
VDD
Pulse Generator
CL
(see Note A)
50
1 k
0.1
µF
TEST CIRCUIT
10
10 Turn
1 V
– 1 V
Input
Offset Voltage
Compensation
Adjustment
VOLTAGE WAVEFORMS
tPLH
tr
10%
90%
100 mV
Overdrive
Input
Low-to-High-
Level Output
50%
tPLH
tf
10%
90%
100 mV
Overdrive
Input
High-to-Low-
Level Output
NOTE A: CL includes probe and jig capacitance.
Figure 3. Response, Rise, and Fall Times Test Circuit and Voltage Waveforms


Similar Part No. - TLC374MD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC374MD TI-TLC374MD Datasheet
771Kb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC374MD TI-TLC374MD Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC374MDG4 TI-TLC374MDG4 Datasheet
771Kb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC374MDG4 TI-TLC374MDG4 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
More results

Similar Description - TLC374MD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC374 TI-TLC374_V01 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC374 TI-TLC374 Datasheet
771Kb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC372 TI-TLC372_V01 Datasheet
1Mb / 29P
[Old version datasheet]   LinCMOS DUAL DIFFERENTIAL COMPARATORS
TLC372-EP TI1-TLC372-EP_14 Datasheet
770Kb / 18P
[Old version datasheet]   LinCMOS??DUAL DIFFERENTIAL COMPARATORS
TLC372-EP TI1-TLC372-EP Datasheet
550Kb / 17P
[Old version datasheet]   LinCMOS??DUAL DIFFERENTIAL COMPARATORS
logo
Linear Dimensions Semic...
LND339 LINEAR_DIMENSIONS-LND339 Datasheet
124Kb / 5P
   Quadruple Differential Comparators
logo
Texas Instruments
TLC354 TI1-TLC354_14 Datasheet
634Kb / 18P
[Old version datasheet]   LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLC354 TI-TLC354 Datasheet
183Kb / 11P
[Old version datasheet]   LinCMOSE QUADRUPLE DIFFERENTIAL COMPARATORS
TLV2354 TI1-TLV2354_14 Datasheet
787Kb / 19P
[Old version datasheet]   LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
TLV2354 TI-TLV2354 Datasheet
300Kb / 20P
[Old version datasheet]   LinCMOSE QUADRUPLE LOW-VOLTAGE DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com