Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TLC374CDG4 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part No. TLC374CDG4
Description  LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TLC374CDG4 Datasheet(HTML) 12 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
TLC374, TLC374Q, TLC374Y
LinCMOS
 QUADRUPLE DIFFERENTIAL COMPARATORS
SLCS118C – NOVEMBER 1983 – REVISED MARCH 1999
12
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
Figure 5
3
2
1
0
4
5
6
7
8
INPUT CURRENT
vs
INPUT VOLTAGE
VI – Input Voltage – V
VDD
VDD +4
VDD +8
VDD +12
TA = 25°C
† The dashed line identifies an area of operation where some
degradation of parametric performance may be experienced.
Figure 6
3
2
1
0
4
5
6
7
8
INPUT CURRENT
vs
INPUT VOLTAGE
VI – Input Voltage – V
VDD– 0.3
VDD – 0.5
VDD – 0.7
VDD – 0.9
TA = 25°C
9
10
† The dashed line identifies an area of operation where some
degradation of parametric performance may be experienced.
See Note A
5 mA
+
RL
VDD
1/4
TLC374
RL
VREF
VI
+VI – VDD – 0.3 V
RI =
Positive Voltage Input Current Limit:
5 mA
–VI – VDD – (0.3 V)
RI =
Negative Voltage Input Current Limit:
NOTE A: If the correct output state is required when the negative input exceeds VSS, a Schotty clamp is required.
Figure 7. Typical Input Current-Limiting Configuration for a LinCMOS Comparator


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn