Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC320AD535IPM Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC320AD535IPM
Description  DUAL CHANNEL VOICE/DATA CODEC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD535IPM Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC320AD535IPM Datasheet HTML 3Page - Texas Instruments TLC320AD535IPM Datasheet HTML 4Page - Texas Instruments TLC320AD535IPM Datasheet HTML 5Page - Texas Instruments TLC320AD535IPM Datasheet HTML 6Page - Texas Instruments TLC320AD535IPM Datasheet HTML 7Page - Texas Instruments TLC320AD535IPM Datasheet HTML 8Page - Texas Instruments TLC320AD535IPM Datasheet HTML 9Page - Texas Instruments TLC320AD535IPM Datasheet HTML 10Page - Texas Instruments TLC320AD535IPM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
1–1
1 Introduction
The TLC320AD535 dual channel voice/data codec is a mixed-signal broadband connectivity device. The
TLC320AD535 is comprised of a two-channel codec and analog hybrid circuitry with two independent serial ports for
communication with the host processor and external resistors and capacitors for setting gain and filter poles. The
device also contains microphone bias and amplification, audio mixing capabilities in the voice channel,
programmable gain control, and three (SPKR_LEFT, SPKR_RIGHT, and MONOUT) speaker drivers.The device
operates with either a 5-V analog, a 5-V digital, and a 5-V monitor power supply or a 3.3-V analog, a 3.3-V digital,
and a 5-V monitor power supply or 5-V analog, 3.3-V digital, and 5-V monitor power supply. It is available in a single
64-pin PM (QFP) package.
1.1
Features
Analog, Digital, and Monitor Amp Power Supplies: 5 V or 3.3 V
Separate Software Power-Down Modes for Data and Voice Channels
Independent Voice and Data Channel Sample Rates up to 11.025 kHz
16-Bit Signal Processing
Dynamic Range of 80 dB in the Data and Voice Channels
Total Signal-to-Noise + Distortion of 77 dB for the ADCs
Total Signal-to-Noise + Distortion of 74 dB for the DACs
Programmable Gain Amplifiers
600-
Ω TAPI Audio and Data Channel Drivers
60-
Ω Headphone Driver With Programmable Gain Amplifier
8-
Ω AT41 Differential Speaker Driver With Programmable Gain Amplifier
Maximum Microphone Bias of 5 mA at 2.5 V/1.5 V
Maximum Handset Reference of 2.5 mA at 2.5 V/1.5 V
Maximum Data Channel Reference of 10 mA at 2.5 V/1.5 V
5-V MVDD Power Reset Circuit
Flash Write Enable Circuit, for Writing the Flash Memory Device
Available in a 64-Pin PM (QFP) Package Operating From –40
°C to 85°C


Similar Part No. - TLC320AD535IPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD535I TI-TLC320AD535I Datasheet
205Kb / 43P
[Old version datasheet]   DUAL CHANNEL VOICE/DATA CODEC
More results

Similar Description - TLC320AD535IPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD535C-I TI-TLC320AD535C-I Datasheet
205Kb / 43P
[Old version datasheet]   DUAL CHANNEL VOICE/DATA CODEC
logo
Zarlink Semiconductor I...
ZL38004 ZARLINK-ZL38004 Datasheet
234Kb / 7P
   Dedicated Voice Processor with Dual Channel Codec
logo
IXYS Corporation
CPC5750 IXYS-CPC5750 Datasheet
467Kb / 37P
   Single-Channel Voice Band CODEC
logo
Texas Instruments
TLV320AIC22C TI-TLV320AIC22C Datasheet
704Kb / 52P
[Old version datasheet]   DUAL VOICE OVER INTERNET PROTOCOL CODEC
PCM3501 TI1-PCM3501_08 Datasheet
384Kb / 28P
[Old version datasheet]   VOICE/MODEM CODEC
PCM3500 TI1-PCM3500_08 Datasheet
401Kb / 30P
[Old version datasheet]   VOICE/MODEM CODEC
TLV320AIC22C TI1-TLV320AIC22C_14 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL VOICE OVER INTERNET PROTOCOL (Volp) CODEC
logo
CML Microcircuits
FX709 CMLMICRO-FX709 Datasheet
371Kb / 12P
   VOICE STORE RETRIEVE CVSD CODEC
logo
Texas Instruments
TLV320AD543 TI-TLV320AD543 Datasheet
181Kb / 35P
[Old version datasheet]   Single Channel Data/Fax Codec
TLC320AD545 TI1-TLC320AD545 Datasheet
345Kb / 37P
[Old version datasheet]   Single Channel Data/Fax Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com