Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC320AD90C Datasheet(PDF) 14 Page - Texas Instruments

Part # TLC320AD90C
Description  Stereo Audio Codec
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD90C Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC320AD90C Datasheet HTML 10Page - Texas Instruments TLC320AD90C Datasheet HTML 11Page - Texas Instruments TLC320AD90C Datasheet HTML 12Page - Texas Instruments TLC320AD90C Datasheet HTML 13Page - Texas Instruments TLC320AD90C Datasheet HTML 14Page - Texas Instruments TLC320AD90C Datasheet HTML 15Page - Texas Instruments TLC320AD90C Datasheet HTML 16Page - Texas Instruments TLC320AD90C Datasheet HTML 17Page - Texas Instruments TLC320AD90C Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
2–1
2 Functional Description
2.1
Analog Input/Output Ports
2.1.1
Analog Outputs
The TLC320AD90C mixer generates the following two distinct audio outputs:
A stereo mix of all sources for output to the speakers, headset, and LINE_OUT output
A mono, mic only, or mix of all sources (except PHONE and PC_BEEP) for speakerphone output
(MONO_OUT)
2.1.2
Analog Inputs
The TLC320AD90C supports all analog audio inputs required by the audio codec ‘97 (AC‘97) specification.
Specifically, the device supports the playback and record of all digital and analog sources likely to be present
in PCs. These sources include the following:
System audio: digital PCM input and output for business, games, and multimedia
CD/DVD: analog CD/DVD-ROM redbook audio with internal connections to codec mixer
Mono microphone: choice of desktop or headset mic with programmable boost and gain
Speakerphone: use of system mic and speakers for telephony, DSVD, and video conferencing
Stereo line in: analog external line level source from consumer audio, video camera, etc
Video: TV tuner or video capture card with internal connections to codec mixer
Aux/synth: analog FM or wavetable synthesizer or other internal source
The analog inputs connect to a stereo analog mixer as well as a stereo multiplexer. The mixer is used for
playback or analog pass-through. The multiplexer is used during record.
The multiplexer offers the capability to record any of the audio sources or the outgoing mix of all sources.
The multiplexer implementation is more efficient than an independent mix and offers simple monitoring when
a mix is recorded: what you hear is what you get (WYHIWYG). The mono and stereo mix also provides
excellent echo cancellation reference signals.
The TLC320AD90C supports the following full range of input options (the audio driver may maintain a
consistent record input level for each multiplexer option):
Any mono or stereo source
Mono or stereo mix of all sources
Two-channel input with mono output reference (mic and stereo mix for stereo echo cancellation)
2.2
Digital Interface
The TLC320AD90C, per the AC‘97 specification, incorporates a 5-wire serial digital interface to a digital
controller. The AC-Link specifies a bidirectional, fixed rate, serial PCM digital stream. The interface handles
multiple input and output audio streams as well as control register accesses by employing a time division
multiplexed (TDM) protocol.
The AC-Link architecture divides each audio frame into 12 outgoing and 12 incoming data streams, each
with 20-bit sample resolution.


Similar Part No. - TLC320AD90C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD90 TI1-TLC320AD90 Datasheet
232Kb / 51P
[Old version datasheet]   Stereo Audio Codec
More results

Similar Description - TLC320AD90C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
[Old version datasheet]   STEREO AUDIO CODEC
TLV320AIC27 TI-TLV320AIC27 Datasheet
684Kb / 52P
[Old version datasheet]   STEREO AUDIO CODEC
TLC320AD90 TI1-TLC320AD90 Datasheet
232Kb / 51P
[Old version datasheet]   Stereo Audio Codec
PCM3070 TI1-PCM3070_14 Datasheet
1Mb / 49P
[Old version datasheet]   Stereo Audio Codec
logo
List of Unclassifed Man...
WM8734 ETC-WM8734 Datasheet
414Kb / 42P
   STEREO AUDIO CODEC
logo
Wolfson Microelectronic...
WM8734 WOLFSON-WM8734_06 Datasheet
529Kb / 46P
   Stereo Audio CODEC
logo
Texas Instruments
TLC320AD91 TI1-TLC320AD91 Datasheet
184Kb / 43P
[Old version datasheet]   Stereo Audio Codec
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com