Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC320AD52CPTR Datasheet(PDF) 38 Page - Texas Instruments

Part # TLC320AD52CPTR
Description  SIGMA-DELTA ANALOG INTERFACE CIRCUITS WITH MASTER-SLAVE FUNCTION
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD52CPTR Datasheet(HTML) 38 Page - Texas Instruments

Back Button TLC320AD52CPTR Datasheet HTML 34Page - Texas Instruments TLC320AD52CPTR Datasheet HTML 35Page - Texas Instruments TLC320AD52CPTR Datasheet HTML 36Page - Texas Instruments TLC320AD52CPTR Datasheet HTML 37Page - Texas Instruments TLC320AD52CPTR Datasheet HTML 38Page - Texas Instruments TLC320AD52CPTR Datasheet HTML 39Page - Texas Instruments TLC320AD52CPTR Datasheet HTML 40Page - Texas Instruments TLC320AD52CPTR Datasheet HTML 41Page - Texas Instruments TLC320AD52CPTR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
4–5
4.3.8
DAC Channel Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Dynamic range
88
dB
Interchannel isolation
100
dB
EG
Gain error, 0 dB
VO = 0 dB at 1020 Hz
±0.3
dB
Idle channel narrow band noise
0 – 4 kHz,
See Note 8
125
µV rms
VOO
Output offset voltage at OUT (differential)
DIN = All 0s
30
mV
VO
Analog output voltage, OUTP – OUTM
RL = 600 Ω typ (see Figure 2–17) with internal
reference and full-scale digital input,
See Note 9, differential
6
VPP
Total out of band energy (0.55 fs to 3 MHz)
–45
dB
Channel delay
18/fs
NOTES:
8. The conversion rate is 8 kHz; the-out-of-band measurement is made from 4400 Hz to 3 MHz.
9. The digital input to the DAC channel at DIN is in 2s complement format. The TLC320AD50C/52C DAC is of the voltage-type and
requires a load resistor for current to voltage conversion.
4.3.9
Power Supply, AVDD = DVDD = 5 V, No Load
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD (analog)
Power supply current ADC
Operating
18
24
mA
IDD (analog)
Power supply current, ADC
Power down
1
mA
IDD (PLL)
Power supply current PLL
Operating
2
4
mA
IDD (PLL)
Power supply current, PLL
Power down
0.5
mA
IDD (digital 1) Power supply current digital
Operating
4
6
mA
IDD (digital 1) Power supply current, digital
Power down
10
µA
IDD (digital 2) Power supply current digital DVDD =3V
Operating
4
mA
IDD (digital 2) Power supply current, digital, DVDD = 3 V
Power down
10
µA
PD
Power dissipation
Operating
120
170
mW
PD
Power dissi ation
H/W-power down
7.5
20
mW
4.3.10 Power-Supply Rejection, AVDD = DVDD = 5 V (see Note 10)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AVDD
Supply voltage rejection ratio, analog supply
fi = 0 to fs/2
50
DVDD
Supply voltage rejection ratio, DAC channel
fi = 0 to 30 kHz
40
dB
DVDD
Supply voltage rejection ratio, ADC channel
fi = 0 to 30 kHz
50
NOTE 10: Power supply rejection measurements are made with both the ADC and the DAC channels idle and a 200-mV peak-to-peak signal
applied to the appropriate supply.
4.4
Timing Characteristics (see Parameter Measurement Information)
4.4.1
Master Mode Timing Requirements
MIN
NOM
MAX
UNIT
td1
Delay time, SCLK
↑ to FS↓
0
tsu1
Setup time, DIN, before SCLK low
25
th1
Hold time, DIN, after SCLK low
20
ns
td(CH–FDL) Delay time, SCLK high to FSD low (see Figure 5–1)
50
ns
twH
Pulse duration, MCLK high
32
twL
Pulse duration, MCLK low
20


Similar Part No. - TLC320AD52CPTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD52CPT TI-TLC320AD52CPT Datasheet
271Kb / 53P
[Old version datasheet]   SIGMA-DELTA ANALOG INTERFACE CIRCUITS WITH MASTER-SLAVE FUNCTION
More results

Similar Description - TLC320AD52CPTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD50C-I TI-TLC320AD50C-I Datasheet
271Kb / 53P
[Old version datasheet]   SIGMA-DELTA ANALOG INTERFACE CIRCUITS WITH MASTER-SLAVE FUNCTION
TLC320AD55C TI1-TLC320AD55C Datasheet
203Kb / 41P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC320AD55 TI1-TLC320AD55 Datasheet
203Kb / 41P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC320AD56C TI1-TLC320AD56C_16 Datasheet
218Kb / 42P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC320AD56 TI1-TLC320AD56 Datasheet
218Kb / 42P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC320AD56C TI-TLC320AD56C Datasheet
240Kb / 43P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
logo
Digital Core Design
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
   I2C Bus Interface - Master/Slave
DSPI DCD-DSPI Datasheet
94Kb / 6P
   Serial Peripheral Interface - Master/Slave
DSPI-FIFO DCD-DSPI-FIFO Datasheet
95Kb / 6P
   Serial Peripheral Interface Master/Slave with FIFO
logo
Prosoft-Technology
MVI69-MCM PROSOFT-MVI69-MCM Datasheet
405Kb / 3P
   Modbus Master/Slave Network Interface Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com