Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TLC320AD56CPT Datasheet(PDF) 37 Page - Texas Instruments

Part No. TLC320AD56CPT
Description  Sigma-Delta Analog Interface Circuit
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TLC320AD56CPT Datasheet(HTML) 37 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
5–1
5 Application Information
_
+
+V
– V
AGND
+V
– V
_
+
AGND
AGND
2.5 V
INP (+)
INM (–)
VCOM(ADC)
OUTP (+)
OUTM (–)
IGAIN
10 k
20 k
300 pF
10 k
1
µF
10 k
6.8 k
15 nF
0.39 nF
VCOM(DAC)
27 k
(1%)
0.22
µF
10 k
38.4 k
12 nF
0.1
µF
10 k
AGND
AGND
0.1
µF
AGND
TLC320AD56C
VI(+)
VI(–)
VO(+)
Figure 5–1. Application Schematic For Single-Ended Input/Output


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn