Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TLC320AD56CPT Datasheet(PDF) 25 Page - Texas Instruments

Part No. TLC320AD56CPT
Description  Sigma-Delta Analog Interface Circuit
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TLC320AD56CPT Datasheet(HTML) 25 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
3–5
DOUT
DOUT
DAC Data
ADC Data
DIN
ADC Data
DAC Data
ADC Data
ADC Data
All Bits 0
16 SCLKs
16 SCLKs
16 SCLKs
FS
FC
Communication Frame 1 (CF1)
(CF2)
Software FC Bit
See Note A
D15-D1
D0 = 0
D15-D1
D0 = 1
0
(Secondary
Read)
(Secondary
Read or Write)
(Secondary
Write)
Primary
Secondary
Primary
No Secondary
Request
64 FCLKs
64 FCLKs
32 FCLKs
Register
Data
8 SCLKs
Secondary
Update
NOTE A: For a read cycle, the last 8 bits are do-not-care bits.
Figure 3–4. Software FC Secondary Request (Phone Mode Disabled)
Table 3–3 shows the secondary communications format. D13 is the read/not-write (R/W) bit.
D12–D8 are address bits. The register map is specified in the register set section in Appendix A. D7–D0
are data bits. The data bits are the new values for the specified register addressed by D12–D8.
Table 3–3. Secondary Communication Data Format
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
––
––
R/W
A
A
A
A
A
D
D
D
D
D
D
D
D


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn