Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC320AD56CFN Datasheet(PDF) 27 Page - Texas Instruments

Part # TLC320AD56CFN
Description  Sigma-Delta Analog Interface Circuit
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD56CFN Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLC320AD56CFN Datasheet HTML 23Page - Texas Instruments TLC320AD56CFN Datasheet HTML 24Page - Texas Instruments TLC320AD56CFN Datasheet HTML 25Page - Texas Instruments TLC320AD56CFN Datasheet HTML 26Page - Texas Instruments TLC320AD56CFN Datasheet HTML 27Page - Texas Instruments TLC320AD56CFN Datasheet HTML 28Page - Texas Instruments TLC320AD56CFN Datasheet HTML 29Page - Texas Instruments TLC320AD56CFN Datasheet HTML 30Page - Texas Instruments TLC320AD56CFN Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
4–1
4 Specifications
4.1
Absolute Maximum Ratings Over Operating Free-Air Temperature Range
(Unless Otherwise Noted)
Supply voltage range, DVDD, AVDD (see Note 1)
–0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . .
Output voltage range, DOUT, FS, SCLK, FLAG0, FLAG1
– 0.3 V to DVDD + 0.3 V
. . . .
Output voltage range, OUTP, OUTM
– 0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, DIN, PWRDWN, RESET, ALT DATA,
MCLK, FC
– 0.3 V to DVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, INP, INM, AUXP, AUXM
– 0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . .
Case temperature for 10 seconds, TC: DW package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for
extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to VSS.
4.2
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage, AVDD
(see Note 2)
4.75
5.25
V
Analog signal input voltage,
VI(analog)
Differential, (INP – INM) peak,
for full scale operation
6
V
Resistance, IGAIN, R(IGAIN)
20
27
54
k
Load resistance, OUTP, OUTM, RL
5/27
 R(IGAIN)
k
ADC or DAC conversion rate
(sample rate)
8
22.05
kHz
Operating free-air temperature, TA
0
70
°C
4.2.1
Recommended Operating Conditions, DVDD = 5 V, AVDD = 5 V
MIN
NOM
MAX
UNIT
Supply voltage, DVDD (see Note 2)
4.5
5.5
V
High-level input voltage, VIH
2
V
Low-level input voltage, VIL
0.8
V
MCLK frequency (see Note 3)
4.096
11.29
MHz
4.2.2
Recommended Operating Conditions, DVDD = 3 V, AVDD = 5 V
MIN
NOM
MAX
UNIT
Supply voltage, DVDD (see Note 2)
2.7
3
3.3
V
High-level input voltage, VIH
1.8
V
Low-level input voltage, VIL
0.6
V
MCLK frequency (see Note 3)
4.096
11.29
MHz
NOTES:
2. Voltages at analog inputs and outputs and VDD are with respect to the VSS terminal.
3. The default state for an 8-kHz conversion rate requires a 4.096-MHz MCLK frequency.


Similar Part No. - TLC320AD56CFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD56CFN TI-TLC320AD56CFN Datasheet
240Kb / 43P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
More results

Similar Description - TLC320AD56CFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD55C TI1-TLC320AD55C Datasheet
203Kb / 41P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC320AD55 TI1-TLC320AD55 Datasheet
203Kb / 41P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC320AD56 TI1-TLC320AD56 Datasheet
218Kb / 42P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC320AD56C TI-TLC320AD56C Datasheet
240Kb / 43P
[Old version datasheet]   Sigma-Delta Analog Interface Circuit
TLC320AD50C-I TI1-TLC320AD50C-I_15 Datasheet
927Kb / 57P
[Old version datasheet]   SIGMA-DELTA ANALOG INTERFACE CIRCUITS WITH MASTER-SLAVE FUNCTION
TLC320AD50C-I TI-TLC320AD50C-I Datasheet
271Kb / 53P
[Old version datasheet]   SIGMA-DELTA ANALOG INTERFACE CIRCUITS WITH MASTER-SLAVE FUNCTION
PCM1608 TI1-PCM1608_15 Datasheet
1,012Kb / 46P
[Old version datasheet]   Delta-Sigma Digital-to-Analog Converter
TLC320AD58C TI-TLC320AD58C Datasheet
178Kb / 27P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57 TI1-TLC320AD57 Datasheet
135Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
TLC320AD57C TI-TLC320AD57C Datasheet
133Kb / 21P
[Old version datasheet]   Sigma-Delta Stereo Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com