Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLC25M4BCN Datasheet(PDF) 14 Page - Texas Instruments

Part No. TLC25M4BCN
Description  LinCMOS QUAD OPERATIONAL AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

TLC25M4BCN Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC25M4BCN Datasheet HTML 10Page - Texas Instruments TLC25M4BCN Datasheet HTML 11Page - Texas Instruments TLC25M4BCN Datasheet HTML 12Page - Texas Instruments TLC25M4BCN Datasheet HTML 13Page - Texas Instruments TLC25M4BCN Datasheet HTML 14Page - Texas Instruments TLC25M4BCN Datasheet HTML 15Page - Texas Instruments TLC25M4BCN Datasheet HTML 16Page - Texas Instruments TLC25M4BCN Datasheet HTML 17Page - Texas Instruments TLC25M4BCN Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
TLC254, TLC254A, TLC254B, TLC254Y, TLC25L4, TLC25L4A, TLC25L4B
TLC25L4Y, TLC25M4, TLC25M4A, TLC25M4B, TLC25M4Y
LinCMOS
 QUAD OPERATIONAL AMPLIFIERS
SLOS003G – JUNE 1983 – REVISED MARCH 2001
14
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA
TLC25M4C
TLC25M4AC
TLC25M4BC
UNIT
MIN
TYP
MAX
V1 V
0
°C
0.46
V/
µs
VI(PP) = 1 V
25
°C
0.43
V/
µs
SR
Slew rate at unity gain
RL = 100 kΩ,
CL = 20 pF,
70
°C
0.36
SR
Slew rate at unity gain
L
,
See Figure 1
L
,
0
°C
0.43
V/
µs
VI(PP) = 2.5 V
25
°C
0.40
V/
µs
()
70
°C
0.34
Vn
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω,
See Figure 2
25
°C
32
nV/
√Hz
VV
C20 F
R
100 k
0
°C
60
BOM
Maximum output-swing bandwidth
VO = VOH,
See Figure 1
CL = 20 pF,
RL = 100 kΩ,
25
°C
55
kHz
See Figure 1
70
°C
50
0
°C
610
B1
Unity-gain bandwidth
VI = 10 mV,
CL = 20 pF,
See Figure 1
25
°C
525
kHz
70
°C
400
V10 mV
fB
C20 pF
0
°C
41
°
φm
Phase margin
VI = 10 mV,
See Figure 3
f = B1,
CL = 20 pF,
25
°C
40
°
See Figure 3
70
°C
39
°
operating characteristics, VDD = 10 V
PARAMETER
TEST CONDITIONS
TA
TLC25M4C
TLC25M4AC
TLC25M4BC
UNIT
MIN
TYP
MAX
0
°C
0.67
VI(PP) = 1 V
25
°C
0.62
SR
Slew rate at unity gain
RL = 100 kΩ,
CL = 20 pF,
()
70
°C
0.51
V/
µs
SR
Slew rate at unity gain
L
,
See Figure 1
L
,
0
°C
0.61
V/
µs
VI(PP) = 5.5 V
25
°C
0.56
()
70
°C
0.46
Vn
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω,
See Figure 2
25
°C
32
nV/
√Hz
VV
C20 F
R
100 k
0
°C
40
BOM
Maximum output-swing bandwidth
VO = VOH,
See Figure 1
CL = 20 pF,
RL = 100 kΩ,
25
°C
35
kHz
See Figure 1
70
°C
30
0
°C
710
B1
Unity-gain bandwidth
VI = 10 mV,
CL = 20 pF,
See Figure 1
25
°C
635
kHz
70
°C
510
V10 mV
fB
C20 pF
0
°C
44
°
φm
Phase margin
VI = 10 mV,
See Figure 3
f = B1,
CL = 20 pF,
25
°C
43
°
See Figure 3
70
°C
42
°


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn