Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC25M2ACD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC25M2ACD
Description  LinCMOS田?DUAL OPERATIONAL AMPLIFIERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC25M2ACD Datasheet(HTML) 5 Page - Texas Instruments

  TLC25M2ACD Datasheet HTML 1Page - Texas Instruments TLC25M2ACD Datasheet HTML 2Page - Texas Instruments TLC25M2ACD Datasheet HTML 3Page - Texas Instruments TLC25M2ACD Datasheet HTML 4Page - Texas Instruments TLC25M2ACD Datasheet HTML 5Page - Texas Instruments TLC25M2ACD Datasheet HTML 6Page - Texas Instruments TLC25M2ACD Datasheet HTML 7Page - Texas Instruments TLC25M2ACD Datasheet HTML 8Page - Texas Instruments TLC25M2ACD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TLC252, TLC252A, TLC252B, TLC252Y, TLC25L2, TLC25L2A, TLC25L2B
TLC25L2Y, TLC25M2, TLC25M2A, TLC25M2B, TLC25M2Y
LinCMOS
 DUAL OPERATIONAL AMPLIFIERS
SLOS002I – JUNE 1983 – REVISED MARCH 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 1.4 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TLC252_C
TLC25L2_C
TLC25M2_C
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
25
°C
10
10
10
TLC25_2C
0
°C to
70
°C
12
12
12
Input
VO =0 2V
25
°C
5
5
5
VIO
offset
voltage
TLC25_2AC
VO = 0.2 V,
RS = 50 Ω
0
°C to
70
°C
6.5
6.5
6.5
mV
25
°C
2
2
2
TLC25_2BC
0
°C to
70
°C
3
3
3
αVIO
Average temperature
coefficient of input
offset voltage
25
°C
to
70
°C
1
1
1
µV/°C
25
°C
1
60
1
60
1
60
IIO
Input offset current
VO = 0.2 V
0
°C to
70
°C
300
300
300
pA
25
°C
1
60
1
60
1
60
IIB
Input bias current
VO = 0.2 V
0
°C to
70
°C
600
600
600
pA
VICR
Common-mode input
voltage range
25
°C
0 to
0.2
0 to
0.2
0 to
0.2
V
VOM
Peak output voltage
swing‡
VID = 100 mV
25
°C
450
700
450
700
450
700
mV
AVD
Large-signal
differential voltage
amplification
VO = 100 to 300 mV,
RS = 50 Ω
25
°C
10
20
20
V/mV
CMRR
Common-mode
rejection ratio
VO = 0.2 V,
VIC = VICRmin
25
°C
60
77
60
77
60
77
dB
IDD
Supply current
VO = 0.2 V,
No load
25
°C
300
375
25
34
200
250
µA
† All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise specified. Unless otherwise
noted, an output load resistor is connected from the output to ground and has the following value: for low bias RL = 1 MΩ, for medium bias
RL = 100 kΩ, and for high bias RL = 10 kΩ.
‡ The output swings to the potential of VDD–/GND.
operating characteristics, VDD = 1.4 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLC252_C
TLC25L2_C
TLC25M2_C
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
B1
Unity-gain bandwidth
AV = 40 dB,
CL = 10 pF,
RS = 50 Ω
12
12
12
kHz
SR
Slew rate at unity gain
See Figure 1
0.1
0.001
0.01
V/
µs
Overshoot factor
See Figure 1
30%
35%
35%


Similar Part No. - TLC25M2ACD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC25M2ACD TI-TLC25M2ACD Datasheet
330Kb / 21P
[Old version datasheet]   LinCMOSE DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC25M2ACD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC272CPWR TI-TLC272CPWR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS田?PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272BCDR TI-TLC272BCDR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS田?PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC226X TI1-TLC226X_16 Datasheet
2Mb / 73P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272 Datasheet
588Kb / 36P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2 TI-TLC27L2_V01 Datasheet
1Mb / 48P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272IDR TI-TLC272IDR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2CPE4 TI1-TLC27L2CPE4 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_V01 Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_02 Datasheet
575Kb / 36P
[Old version datasheet]   LinCMOS??PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com