Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC320AC02IFN Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TLC320AC02IFN
Description  Single-Supply Analog Interface Circuit
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AC02IFN Datasheet(HTML) 40 Page - Texas Instruments

Back Button TLC320AC02IFN Datasheet HTML 36Page - Texas Instruments TLC320AC02IFN Datasheet HTML 37Page - Texas Instruments TLC320AC02IFN Datasheet HTML 38Page - Texas Instruments TLC320AC02IFN Datasheet HTML 39Page - Texas Instruments TLC320AC02IFN Datasheet HTML 40Page - Texas Instruments TLC320AC02IFN Datasheet HTML 41Page - Texas Instruments TLC320AC02IFN Datasheet HTML 42Page - Texas Instruments TLC320AC02IFN Datasheet HTML 43Page - Texas Instruments TLC320AC02IFN Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 86 page
background image
3–2
3.3
Electrical Characteristics Over Recommended Range of Operating
Free-Air Temperature, MCLK = 5.184 MHz, VDD = 5 V, Outputs
Unloaded, Total Device
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
IDD
Supply
PWR DWN = 1 and clock signals
present
20
22
mA
IDD
y
current
PWR DWN = 0 after 500
µs and
clock signals present
1
2
mA
PWR DWN = 1 and clock signals
present
100
mW
PD
Power
dissipation
PWR DWN = 0 after 500
µs and
clock signals present
5
mW
Software power down, (bit D00,
register 6 set to 1)
15
20
mW
ADC VMID
Midpoint
voltage
No load
ADC VDD/2
– 0.1
ADC VDD/2
+ 0.1
V
DAC VMID
Midpoint
voltage
No load
DAC VDD/2
– 0.1
DAC VDD/2
+ 0.1
V
3.4
Electrical Characteristics Over Recommended Range of Operating
Free-Air Temperature, VDD = 5 V, Digital I/O Terminals (DIN, DOUT, EOC,
FC0, FC1, FS, FSD, MCLK, M/S, SCLK)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
IOH = – 1.6 mA
2.4
V
VOL
Low-level output voltage
IOL = 1.6 mA
0.4
V
IIH
High-level input current, any digital input
VI = 2.2 V to DGTL VDD
10
µA
IIL
Low-level input current, any digital input
VI = 0 V to 0.8 V
10
µA
Ci
Input capacitance
5
pF
Co
Output capacitance
5
pF
† All typical values are at VDD = 5 V and TA = 25°C.
3.5
Electrical Characteristics Over Recommended Range of Operating
Free-Air Temperature, VDD = 5 V, ADC and DAC Channels
3.5.1
ADC Channel Filter Transfer Function, FCLK = 144 kHz, fs = 8 kHz
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
fi = 50 Hz
–2
fi = 200 Hz
– 1.8
– 0.2
fi = 300 Hz to 3 kHz
– 0.15
0.2
Gain relative to gain at fi = 1020 Hz (see Note 3)
fi = 3.3 kHz
– 0.35
0.03
dB
fi = 3.4 kHz
–1
– 0.1
fi = 4 kHz
–14
fi ≥ 4.6 kHz
–32
NOTE 3: The differential analog input signals are sine waves at 6 V peak to peak. The reference gain is at 1020 Hz.


Similar Part No. - TLC320AC02IFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AC02IFN TI-TLC320AC02IFN Datasheet
447Kb / 84P
[Old version datasheet]   Single-Supply Analog Interface Circuit
More results

Similar Description - TLC320AC02IFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320V343 TI1-TLC320V343 Datasheet
424Kb / 30P
[Old version datasheet]   SINGLE-SUPPLY ANALOG INTERFACE CIRCUIT
TLC320AC01C TI1-TLC320AC01C_15 Datasheet
449Kb / 92P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC320AC02C TI-TLC320AC02C Datasheet
447Kb / 84P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC320AC01C TI-TLC320AC01C Datasheet
392Kb / 90P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC32040M TI-TLC32040M Datasheet
202Kb / 30P
[Old version datasheet]   ANALOG INTERFACE CIRCUIT
logo
Burr-Brown (TI)
TSC2200 BURR-BROWN-TSC2200 Datasheet
645Kb / 40P
   PDA ANALOG INTERFACE CIRCUIT
logo
Texas Instruments
TSC2000 TI-TSC2000_08 Datasheet
514Kb / 35P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI-TSC2000 Datasheet
498Kb / 34P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI1-TSC2000_13 Datasheet
1Mb / 38P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2200 TI1-TSC2200_16 Datasheet
1Mb / 45P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com