Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC320AC02CPM Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLC320AC02CPM
Description  Single-Supply Analog Interface Circuit
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AC02CPM Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC320AC02CPM Datasheet HTML 4Page - Texas Instruments TLC320AC02CPM Datasheet HTML 5Page - Texas Instruments TLC320AC02CPM Datasheet HTML 6Page - Texas Instruments TLC320AC02CPM Datasheet HTML 7Page - Texas Instruments TLC320AC02CPM Datasheet HTML 8Page - Texas Instruments TLC320AC02CPM Datasheet HTML 9Page - Texas Instruments TLC320AC02CPM Datasheet HTML 10Page - Texas Instruments TLC320AC02CPM Datasheet HTML 11Page - Texas Instruments TLC320AC02CPM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
1–2
1.1
Features
General-Purpose Signal-Processing Analog Front End (AFE)
Single 5-V Power Supply
Power Dissipation . . . 100 mW Typ
Signal-to-Distortion Ratio . . . 70 dB Typ
Programmable Filter Bandwidths (Up to 10.8 kHz) and Synchronous ADC and DAC Sampling
Serial-Port Interface
Monitor Output With Programmable Gains of 0 dB, – 8 dB, – 18 dB, and Squelch
Two Sets of Differential Inputs With Programmable Gains of 0 dB, 6 dB, 12 dB, and Squelch
Differential or Single-Ended Analog Output With Programmable Gains of 0 dB, – 6 dB, – 12 dB,
and Squelch
Differential Outputs Drive 3-V Peak Into a 600-
Differential Load
Differential Architecture Throughout
1-
µm Advanced LinEPIC
™ Process
14-Bit Dynamic-Range ADC and DAC
2s-Complement Data Format
LinEPIC is a trademark of Texas Instruments Incorporated.


Similar Part No. - TLC320AC02CPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AC02CPM TI-TLC320AC02CPM Datasheet
447Kb / 84P
[Old version datasheet]   Single-Supply Analog Interface Circuit
More results

Similar Description - TLC320AC02CPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320V343 TI1-TLC320V343 Datasheet
424Kb / 30P
[Old version datasheet]   SINGLE-SUPPLY ANALOG INTERFACE CIRCUIT
TLC320AC01C TI1-TLC320AC01C_15 Datasheet
449Kb / 92P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC320AC02C TI-TLC320AC02C Datasheet
447Kb / 84P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC320AC01C TI-TLC320AC01C Datasheet
392Kb / 90P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC32040M TI-TLC32040M Datasheet
202Kb / 30P
[Old version datasheet]   ANALOG INTERFACE CIRCUIT
logo
Burr-Brown (TI)
TSC2200 BURR-BROWN-TSC2200 Datasheet
645Kb / 40P
   PDA ANALOG INTERFACE CIRCUIT
logo
Texas Instruments
TSC2000 TI-TSC2000_08 Datasheet
514Kb / 35P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI-TSC2000 Datasheet
498Kb / 34P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI1-TSC2000_13 Datasheet
1Mb / 38P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2200 TI1-TSC2200_16 Datasheet
1Mb / 45P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com