Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC320AC01C Datasheet(PDF) 87 Page - Texas Instruments

Part # TLC320AC01C
Description  Single-Supply Analog Interface Circuit
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AC01C Datasheet(HTML) 87 Page - Texas Instruments

Back Button TLC320AC01C Datasheet HTML 83Page - Texas Instruments TLC320AC01C Datasheet HTML 84Page - Texas Instruments TLC320AC01C Datasheet HTML 85Page - Texas Instruments TLC320AC01C Datasheet HTML 86Page - Texas Instruments TLC320AC01C Datasheet HTML 87Page - Texas Instruments TLC320AC01C Datasheet HTML 88Page - Texas Instruments TLC320AC01C Datasheet HTML 89Page - Texas Instruments TLC320AC01C Datasheet HTML 90Page - Texas Instruments TLC320AC01C Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 92 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
24-Sep-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TLC320AC01CDW
OBSOLETE
SOIC
DW
28
TBD
Call TI
Call TI
0 to 70
TLC320AC01CFN
ACTIVE
PLCC
FN
28
37
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-4-260C-72 HR
0 to 70
TLC
320AC01CFN
TLC320AC01CFNR
ACTIVE
PLCC
FN
28
750
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-4-260C-72 HR
0 to 70
TLC
320AC01CFN
TLC320AC01CPM
ACTIVE
LQFP
PM
64
160
TBD
CU NIPDAU
Level-3-220C-168 HR
0 to 70
320AC01C
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.


Similar Part No. - TLC320AC01C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AC01C TI-TLC320AC01C Datasheet
392Kb / 90P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC320AC01CFN TI-TLC320AC01CFN Datasheet
392Kb / 90P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC320AC01CPM TI-TLC320AC01CPM Datasheet
392Kb / 90P
[Old version datasheet]   Single-Supply Analog Interface Circuit
More results

Similar Description - TLC320AC01C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AC02C TI1-TLC320AC02C_15 Datasheet
482Kb / 86P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC320V343 TI1-TLC320V343 Datasheet
424Kb / 30P
[Old version datasheet]   SINGLE-SUPPLY ANALOG INTERFACE CIRCUIT
TLC320AC02C TI-TLC320AC02C Datasheet
447Kb / 84P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC320AC01C TI-TLC320AC01C Datasheet
392Kb / 90P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC32040M TI-TLC32040M Datasheet
202Kb / 30P
[Old version datasheet]   ANALOG INTERFACE CIRCUIT
logo
Burr-Brown (TI)
TSC2200 BURR-BROWN-TSC2200 Datasheet
645Kb / 40P
   PDA ANALOG INTERFACE CIRCUIT
logo
Texas Instruments
TSC2000 TI-TSC2000_08 Datasheet
514Kb / 35P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI-TSC2000 Datasheet
498Kb / 34P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI1-TSC2000_13 Datasheet
1Mb / 38P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2200 TI1-TSC2200_16 Datasheet
1Mb / 45P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com