Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC320AC01C Datasheet(PDF) 44 Page - Texas Instruments

Part # TLC320AC01C
Description  Single-Supply Analog Interface Circuit
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AC01C Datasheet(HTML) 44 Page - Texas Instruments

Back Button TLC320AC01C Datasheet HTML 40Page - Texas Instruments TLC320AC01C Datasheet HTML 41Page - Texas Instruments TLC320AC01C Datasheet HTML 42Page - Texas Instruments TLC320AC01C Datasheet HTML 43Page - Texas Instruments TLC320AC01C Datasheet HTML 44Page - Texas Instruments TLC320AC01C Datasheet HTML 45Page - Texas Instruments TLC320AC01C Datasheet HTML 46Page - Texas Instruments TLC320AC01C Datasheet HTML 47Page - Texas Instruments TLC320AC01C Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 92 page
background image
3–7
3.5.12
Monitor Output Characteristics, VDD = 5 V (Unless Otherwise Noted)
(see Note 20)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VO(PP)
Peak-to-peak ac output
voltage
Quiescent level = ADC VMID
ZL = 10 kΩ and 60 pF
1.3
1.5
V
VOO
Output offset voltage
No load, single ended
relative to ADC VMID
5
10
mV
VOC
Output common-mode voltage
No load
0.4 ADC
VDD
0.5 ADC
VDD
0.6 ADC
VDD
V
ro
DC output resistance
50
Gain = 0 dB
– 0.2
0
0.2
AV
Voltage gain (see Note 21)
Gain 2 = – 8 dB
– 8.2
– 8
– 7.8
dB
AV
Voltage gain (see Note 21)
Gain 3 = – 18 dB
– 18.4
– 18
– 17.6
dB
Squelch (see Note 22)
– 60
† All typical values are at VDD = 5 V and TA = 25°C.
NOTES: 20. All monitor output tests are performed with a 10-k
Ω load resistance.
21. Monitor gains are measured with a 1020-Hz, 6-V peak-to-peak sine wave applied differentially between
IN + and IN –.The monitor output gains are nominally 0 dB, – 8 dB, and – 18 dB relative to its input; however,
the output gains are – 6 dB relative to IN + and IN – or AUX IN + and AUX IN –.
22. Squelch is measured differentially with respect to ADC VMID.


Similar Part No. - TLC320AC01C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AC01C TI-TLC320AC01C Datasheet
392Kb / 90P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC320AC01CFN TI-TLC320AC01CFN Datasheet
392Kb / 90P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC320AC01CPM TI-TLC320AC01CPM Datasheet
392Kb / 90P
[Old version datasheet]   Single-Supply Analog Interface Circuit
More results

Similar Description - TLC320AC01C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AC02C TI1-TLC320AC02C_15 Datasheet
482Kb / 86P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC320V343 TI1-TLC320V343 Datasheet
424Kb / 30P
[Old version datasheet]   SINGLE-SUPPLY ANALOG INTERFACE CIRCUIT
TLC320AC02C TI-TLC320AC02C Datasheet
447Kb / 84P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC320AC01C TI-TLC320AC01C Datasheet
392Kb / 90P
[Old version datasheet]   Single-Supply Analog Interface Circuit
TLC32040M TI-TLC32040M Datasheet
202Kb / 30P
[Old version datasheet]   ANALOG INTERFACE CIRCUIT
logo
Burr-Brown (TI)
TSC2200 BURR-BROWN-TSC2200 Datasheet
645Kb / 40P
   PDA ANALOG INTERFACE CIRCUIT
logo
Texas Instruments
TSC2000 TI-TSC2000_08 Datasheet
514Kb / 35P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI-TSC2000 Datasheet
498Kb / 34P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2000 TI1-TSC2000_13 Datasheet
1Mb / 38P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
TSC2200 TI1-TSC2200_16 Datasheet
1Mb / 45P
[Old version datasheet]   PDA ANALOG INTERFACE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com