Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDM3300NZ Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDM3300NZ
Description  Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDM3300NZ Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDM3300NZ Datasheet HTML 1Page - Fairchild Semiconductor FDM3300NZ Datasheet HTML 2Page - Fairchild Semiconductor FDM3300NZ Datasheet HTML 3Page - Fairchild Semiconductor FDM3300NZ Datasheet HTML 4Page - Fairchild Semiconductor FDM3300NZ Datasheet HTML 5Page - Fairchild Semiconductor FDM3300NZ Datasheet HTML 6Page - Fairchild Semiconductor FDM3300NZ Datasheet HTML 7Page - Fairchild Semiconductor FDM3300NZ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FDM3300NZ Rev E3 (W)
SPICE Thermal Model
.SUBCKT FDM3300NZ_THERM TH TL
*Thermal Model Subcircuit
*Feb 26, 2003
CTHERM1 TH 8 3
CTHERM2 8 7 5
CTHERM3 7 6 7
CTHERM4 6 5 13.2
CTHERM5 5 4 25.4
CTHERM6 4 3 36.21
CTHERM7 3 2 47.54
CTHERM8 2 TL 208.21
RTHERM1 TH 8 0.04
RTHERM2 8 7 0.05
RTHERM3 7 6 0.06
RTHERM4 6 5 0.07
RTHERM5 5 4 0.085
RTHERM6 4 3 0.095
RTHERM7 3 2 0.25
RTHERM8 2 TL 0.35
.ENDS
RTHERM6
RTHERM8
RTHERM7
RTHERM5
RTHERM4
RTHERM3
CTHERM4
CTHERM6
CTHERM5
CTHERM3
CTHERM2
CTHERM1
tl
2
3
4
5
6
7
JUNCTION
AMBIENT
8
th
RTHERM2
RTHERM1
CTHERM7
CTHERM8


Similar Part No. - FDM3300NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDM3300NZ FAIRCHILD-FDM3300NZ Datasheet
237Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 10A, 23m廓
FDM3300NZ FAIRCHILD-FDM3300NZ_07 Datasheet
237Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 10A, 23m廓
More results

Similar Description - FDM3300NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDM2452NZ FAIRCHILD-FDM2452NZ Datasheet
137Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDMW2512NZ FAIRCHILD-FDMW2512NZ Datasheet
135Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM2509NZ FAIRCHILD-FDM2509NZ Datasheet
194Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDMC3300NZA FAIRCHILD-FDMC3300NZA Datasheet
318Kb / 7P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
FDZ2553N FAIRCHILD-FDZ2553N Datasheet
199Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
FDZ2553NZ FAIRCHILD-FDZ2553NZ Datasheet
155Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench BGA MOSFET
FDW2509NZ FAIRCHILD-FDW2509NZ Datasheet
105Kb / 5P
   Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDW2516NZ FAIRCHILD-FDW2516NZ Datasheet
135Kb / 5P
   Common Drain N-Channel 2.5V specified PowerTrench MOSFET
FDW2507NZ FAIRCHILD-FDW2507NZ Datasheet
130Kb / 5P
   Common Drain N-Channel 2.5V specified PowerTrench MOSFET
FDW2515NZ FAIRCHILD-FDW2515NZ Datasheet
119Kb / 6P
   Common Drain N-Channel 2.5V specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com