Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLC27L1IDRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part No. TLC27L1IDRG4
Description  LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TLC27L1IDRG4 Datasheet(HTML) 4 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
TLC27L1, TLC27L1A, TLC27L1B
LinCMOS LOW POWER
OPERATIONAL AMPLIFIERS
SLOS154B− DECEMBER 1995 − REVISED JUNE 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature (unless otherwise noted)
TEST
TLC27L1C, TLC27L1AC, TLC27L1BC
PARAMETER
TEST
CONDITIONS
TA†
VDD = 5 V
VDD = 10 V
UNIT
PARAMETER
CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
TLC27L1C
25
°C
1.1
10
1.1
10
TLC27L1C
VO = 1.4 V,
Full range
12
12
VIO
Input offset voltage
TLC27L1AC
VO = 1.4 V,
VIC = 0 V,
25
°C
0.9
5
0.9
5
mV
VIO
Input offset voltage
TLC27L1AC
VIC = 0 V,
RS = 50 Ω,
RI = 1 MΩ
Full range
6.5
6.5
mV
TLC27L1BC
RS = 50 ,
RI = 1 MΩ
25
°C
0.24
2
0.26
2
TLC27L1BC
Full range
3
3
αVIO
Average temperature coefficient of
input offset voltage
25
°C to
70
°C
1.1
1
µV/°C
IIO
Input offset current (see Note 4)
VO = VDD /2,
25
°C
0.1
60
0.1
60
pA
IIO
Input offset current (see Note 4)
VO = VDD /2,
VIC = VDD /2
70
°C
7
300
8
300
pA
IIB
Input bias current (see Note 4)
VO = VDD /2,
25
°C
0.6
60
0.7
60
pA
IIB
Input bias current (see Note 4)
VO = VDD /2,
VIC = VDD /2
70
°C
40
600
50
600
pA
VICR
Common-mode input
25
°C
− 0.2
to
4
− 0.3
to
4.2
− 0.2
to
9
− 0.3
to
9.2
V
VICR
Common-mode input
voltage range (see Note 5)
Full range
− 0.2
to
3.5
− 0.2
to
8.5
V
VID = 100 mV,
25
°C
3.2
4.1
8
8.9
VOH
High-level output voltage
VID = 100 mV,
RL= 1 MΩ
0
°C
3
4.1
7.8
8.9
V
VOH
High-level output voltage
RL= 1 MΩ
70
°C
3
4.2
7.8
8.9
V
VID = −100 mV,
25
°C
0
50
0
50
VOL
Low-level output voltage
VID = −100 mV,
IOL = 0
0
°C
0
50
0
50
mV
VOL
Low-level output voltage
IOL = 0
70
°C
0
50
0
50
mV
Large-signal differential
RL= 1 MΩ
25
°C
50
520
50
870
AVD
Large-signal differential
voltage amplification
RL= 1 MΩ,
See Note 6
0
°C
50
700
50
1030
V/mV
AVD
voltage amplification
See Note 6
70
°C
50
380
50
660
V/mV
25
°C
65
94
65
97
CMRR
Common-mode rejection ratio
VIC = VICRmin
0
°C
60
95
60
97
dB
CMRR
Common-mode rejection ratio
VIC = VICRmin
70
°C
60
95
60
97
dB
Supply-voltage rejection ratio
VDD = 5 V to 10 V,
25
°C
70
97
70
97
kSVR
Supply-voltage rejection ratio
(
∆VDD/∆VIO)
VDD = 5 V to 10 V,
VO = 1.4 V
0
°C
60
97
60
97
dB
kSVR
(
∆VDD/∆VIO)
VO = 1.4 V
70
°C
60
98
60
98
dB
II(SEL) Input current (BIAS SELECT)
VI(SEL) = VDD
25
°C
65
95
nA
VO = VDD /2,
25
°C
10
17
14
23
IDD
Supply current
VO = VDD /2,
VIC = VDD /2,
No load
0
°C
12
21
18
33
µA
IDD
Supply current
VIC = VDD /2,
No load
70
°C
8
14
11
20
µA
† Full range is 0°C to 70°C.
NOTES:
4. The typical values of input bias current and input offset current below 5 pA were determined mathematically.
5. This range also applies to each input individually.
6. At VDD = 5 V, VO = 0.25 V to 2 V; at VDD = 10 V, VO = 1 V to 6 V.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn