Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

M100K Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part No. M100K
Description  GENERAL PURPOSE PLASTIC RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNMATE [SUNMATE electronic Co., LTD]
Homepage  http://www.sunmate.tw/
Logo 

M100K Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
50
75
125
175
0.2
1.0
1.2
1
0
10
20
30
40
50
10
100
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.01
0.1
1
10
100
0.1
1
10
100
1
10
100
25
0
100
150
0.01
0.1
1
10
100
0.1
1
10
100
0.4
0.6
0.8
020
40
60
80
100
0.01
0.1
1
10
100
1,000
RATINGS AND CHARACTERISTIC CURVES M100A THRU M100M
FIG. 1 - FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE, °C
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 HZ
8.3ms SINGLE HALF SINE WAVE
(JEDEC Method)
TA = 75°C
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
t, PULSE DURATION, sec.
TJ=25°C
f=1.0 MHz
Vsig=50mVp-p
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
TJ=150°C
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
PERCENTAGE OF PEAK REVERSE
VOLTAGE, %
TJ=25°C
0.375” (9.5mm)
LEAD LENGTH
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
0.2 x 0.2”
(5.0 x 5.0mm)
COPPER PADS
60 HZ
RESISTIVE OR INDUCTIVE LOAD
www.sunmate.tw


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn