Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLC27L4B Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part No. TLC27L4B
Description  LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27L4B Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC27L4B Datasheet HTML 12Page - Texas Instruments TLC27L4B Datasheet HTML 13Page - Texas Instruments TLC27L4B Datasheet HTML 14Page - Texas Instruments TLC27L4B Datasheet HTML 15Page - Texas Instruments TLC27L4B Datasheet HTML 16Page - Texas Instruments TLC27L4B Datasheet HTML 17Page - Texas Instruments TLC27L4B Datasheet HTML 18Page - Texas Instruments TLC27L4B Datasheet HTML 19Page - Texas Instruments TLC27L4B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
TLC27L4, TLC27L4A, TLC27L4B, TLC27L4Y, TLC27L9
LinCMOS
™ PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS053C – OCTOBER 1987 – REVISED AUGUST 1994
16
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, VDD = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLC27L4Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
RL = 1 MΩ,
CL =20 pF
VIPP = 1 V
0.03
V/
µs
SR
Slew rate at unity gain
CL = 20 pF,
See Figure 1
VIPP = 2.5 V
0.03
V/
µs
Vn
Equivalent input noise voltage
f = 1 kHz,
See Figure 2
RS = 20 Ω,
70
nV/
√Hz
BOM
Maximum output-swing bandwidth
VO = VOH,
RL = 1 MΩ,
CL = 20 pF,
See Figure 1
5
kHz
B1
Unity-gain bandwidth
VI = 10 mV,
See Figure 3
CL = 20 pF,
85
kHz
φm
Phase margin
VI = 10 mV,
CL = 20 pF,
f = B1,
See Figure 3
34
°
operating characteristics, VDD = 10 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLC27L4Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
RL = 1 MΩ,
CL =20 pF
VIPP = 1 V
0.05
V/
µs
SR
Slew rate at unity gain
CL = 20 pF,
See Figure 1
VIPP = 5.5 V
0.04
V/
µs
Vn
Equivalent input noise voltage
f = 1 kHz,
See Figure 2
RS = 20 Ω,
70
nV/
√Hz
BOM
Maximum output-swing bandwidth
VO = VOH,
RL = 1 MΩ,
CL = 20 pF,
See Figure 1
1
kHz
B1
Unity-gain bandwidth
VI = 10 mV,
See Figure 3
CL = 20 pF,
110
kHz
φm
Phase margin
VI = 10 mV,
CL = 20 pF,
f = B1,
See Figure 3
38
°


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn