Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C462A-10PTC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C462A-10PTC
Description  Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C462A-10PTC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C462A-10PTC Datasheet HTML 1Page - Cypress Semiconductor CY7C462A-10PTC Datasheet HTML 2Page - Cypress Semiconductor CY7C462A-10PTC Datasheet HTML 3Page - Cypress Semiconductor CY7C462A-10PTC Datasheet HTML 4Page - Cypress Semiconductor CY7C462A-10PTC Datasheet HTML 5Page - Cypress Semiconductor CY7C462A-10PTC Datasheet HTML 6Page - Cypress Semiconductor CY7C462A-10PTC Datasheet HTML 7Page - Cypress Semiconductor CY7C462A-10PTC Datasheet HTML 8Page - Cypress Semiconductor CY7C462A-10PTC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs
CY7C460A/CY7C462A
CY7C464A/CY7C466A
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-06011 Rev. *A
Revised December 26, 2002
60A
Features
• High-speed, low-power, first-in first-out (FIFO)
memories
• 8K x 9 FIFO (CY7C460A)
• 16K x 9 FIFO (CY7C462A)
• 32K x 9 FIFO (CY7C464A)
• 64K x 9 FIFO (CY7C466A)
• 10-ns access times, 20-ns read/write cycle times
• High-speed 50-MHz read/write independent of
depth/width
• Low operating power
—ICC= 60 mA
—ISB =8 mA
• Asynchronous read/write
• Empty and Full flags
• Half Full flag (in standalone mode)
• Retransmit (in standalone mode)
• TTL-compatible
• Width and Depth Expansion Capability
• 5V
± 10% supply
• PLCC, LCC, 300-mil and 600-mil DIP packaging
• Three-state outputs
• Pin compatible density upgrade to CY7C42X/46X family
• Pin compatible and functionally equivalent to IDT7205,
IDT7206, IDT7207, IDT7208
Functional Description
The CY7C460A, CY7C462A, CY7C464A, and CY7C466A are
respectively, 8K, 16K, 32K, and 64K words by 9-bit wide first-in
first-out (FIFO) memories. Each FIFO memory is organized
such that the data is read in the same sequential order that it
was written. Full and Empty flags are provided to prevent over-
run and underrun. Three additional pins are also provided to
facilitate unlimited expansion in width, depth, or both. The
depth expansion technique steers the control signals from one
device to another by passing tokens.
The read and write operations may be asynchronous; each
can occur at a rate of up to 50 MHz. The write operation occurs
when the Write (W) signal is LOW. Read occurs when Read
(R) goes LOW. The nine data outputs go to the high-imped-
ance state when R is HIGH.
A Half Full (HF) output flag is provided that is valid in the stan-
dalone (single device) and width expansion configurations. In
the depth expansion configuration, this pin provides the ex-
pansion out (XO) information that is used to tell the next FIFO
that it will be activated.
In the standalone and width expansion configurations, a LOW
on the Retransmit (RT) input causes the FIFOs to retransmit
the data. Read Enable (R) and Write Enable (W) must both be
HIGH during a retransmit cycle, and then R is used to access
the data.
The CY7C460A, CY7C462A, CY7C464A, and CY7C466A are
fabricated using Cypress’s advanced 0.5µ RAM3 CMOS tech-
nology. Input ESD protection is greater than 2000V and
latch-up is prevented by careful layout and the use of guard
rings.
32K x
Logic Block Diagram
Pin Configurations
1
2
3
4
5
6
7
8
9
10
11
12
15
16
17
18
19
20
24
23
22
21
13
14
25
28
27
26
Top View
DIP
W
D8
D3
D2
D1
D0
XI
FF
Q0
Q1
Q2
GND
VCC
D4
FL/RT
MR
EF
XO/HF
Q7
R
PLCC/LCC
Top View
Q3
Q8
D5
D6
D7
Q6
Q5
Q4
4
3
2
1
32 31 30
14 15 16 17 18 19 20
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
FL/RT
MR
EF
XO/HF
Q7
D6
Q6
D7
NC
READ
CONTROL
WRITE
CONTROL
WRITE
POINTER
RESET
LOGIC
EXPANSION
LOGIC
RAM ARRAY
8K x 9
16K x 9
9
DATAINPUTS
(D0−D 8)
THREE–
STATE
BUFFERS
DATA OUTPUTS
(Q0-Q 8)
W
READ
POINTER
FLAG
LOGIC
R
XI
EF
FF
XO/HF
MR
FL/RT
D2
D1
D0
XI
FF
Q0
Q1
NC
Q2
C46XA–1
C46XA–2
C46XA–3
7C460A
7C462A
7C464A
7C460A
7C462A
7C464A
64K x 9
7C466A
7C466A
DUAL PORT


Similar Part No. - CY7C462A-10PTC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DC CYPRESS-CY7C401-10DC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DMB CYPRESS-CY7C401-10DMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10LMB CYPRESS-CY7C401-10LMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10PC CYPRESS-CY7C401-10PC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
More results

Similar Description - CY7C462A-10PTC

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL4CX263 AVERLOGIC-AL4CX263 Datasheet
41Kb / 2P
   16K/32K/64K/128K x9, 8K/16K/32K/64K x18 Synchronous FIFO
AL4CX3650 AVERLOGIC-AL4CX3650 Datasheet
33Kb / 2P
   2K/ 4K/ 8K/ 16K/ 32K x 36 Synchronous FIFOs
logo
Cypress Semiconductor
CY7C006A CYPRESS-CY7C006A Datasheet
422Kb / 20P
   32K/16K x8, 32K/16K x9 Dual-Port Static RAM
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
logo
Hitachi Semiconductor
HN58X2402-SR HITACHI-HN58X2402-SR Datasheet
86Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
logo
Cypress Semiconductor
CY7C4261 CYPRESS-CY7C4261 Datasheet
278Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255 Datasheet
361Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_05 Datasheet
541Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_09 Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com