Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS36276M Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS36276M
Description  FAILSAFE Multipoint Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS36276M Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DS36276M Datasheet HTML 3Page - National Semiconductor (TI) DS36276M Datasheet HTML 4Page - National Semiconductor (TI) DS36276M Datasheet HTML 5Page - National Semiconductor (TI) DS36276M Datasheet HTML 6Page - National Semiconductor (TI) DS36276M Datasheet HTML 7Page - National Semiconductor (TI) DS36276M Datasheet HTML 8Page - National Semiconductor (TI) DS36276M Datasheet HTML 9Page - National Semiconductor (TI) DS36276M Datasheet HTML 10Page - National Semiconductor (TI) DS36276M Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Parameter Measurement Information (Continued)
DS011383-15
FIGURE 14. Receiver Propagation Delays
DS011383-16
FIGURE 15. Receiver TRI-STATE Delay Test Circuit
DS011383-17
S1 1.5V
S2 OPEN
S3 CLOSED
DS011383-18
S1 −1.5V
S2 CLOSED
S3 OPEN
DS011383-19
S1 1.5V
S2 CLOSED
S3 CLOSED
DS011383-20
S1 −1.5V
S2 CLOSED
S3 CLOSED
Note 8: The input pulse is supplied by a generator having the following characteristics: f = 1.0 MHz, 50% duty cycle, tr and t f < 6.0 ns, ZO =50Ω.
Note 9: CL includes probe and stray capacitance.
Note 10: Diodes are 1N916 or equivalent.
FIGURE 16. Receiver Enable and Disable Timing
www.national.com
7


Similar Part No. - DS36276M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS36276M TI1-DS36276M Datasheet
278Kb / 13P
[Old version datasheet]   FAILSAFE Multipoint Transceiver
DS36276M/NOPB TI1-DS36276M/NOPB Datasheet
278Kb / 13P
[Old version datasheet]   FAILSAFE Multipoint Transceiver
DS36276MX TI1-DS36276MX Datasheet
278Kb / 13P
[Old version datasheet]   FAILSAFE Multipoint Transceiver
DS36276MX/NOPB TI1-DS36276MX/NOPB Datasheet
278Kb / 13P
[Old version datasheet]   FAILSAFE Multipoint Transceiver
More results

Similar Description - DS36276M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS36276 TI1-DS36276_11 Datasheet
278Kb / 13P
[Old version datasheet]   FAILSAFE Multipoint Transceiver
DS36277TMX TI1-DS36277TMX Datasheet
1,018Kb / 18P
[Old version datasheet]   Dominant Mode Multipoint Transceiver
logo
National Semiconductor ...
DS36277 NSC-DS36277_02 Datasheet
704Kb / 13P
   Dominant Mode Multipoint Transceiver
DS36277 NSC-DS36277 Datasheet
269Kb / 12P
   Dominant Mode Multipoint Transceiver
logo
Texas Instruments
DS36277TM TI-DS36277TM Datasheet
369Kb / 16P
[Old version datasheet]   DS36277 Dominant Mode Multipoint Transceiver
logo
National Semiconductor ...
DS36C278 NSC-DS36C278 Datasheet
583Kb / 10P
   Low Power Multipoint EIA-RS-485 Transceiver
logo
Texas Instruments
DS36C278 TI1-DS36C278_14 Datasheet
862Kb / 16P
[Old version datasheet]   DS36C278 Low Power Multipoint EIA-RS-485 Transceiver
logo
National Semiconductor ...
DS485 NSC-DS485 Datasheet
140Kb / 10P
   Low Power RS-485/RS-422 Multipoint Transceiver
logo
Texas Instruments
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
[Old version datasheet]   Low Power RS-485/RS-422 Multipoint Transceiver
DS1487 TI1-DS1487_11 Datasheet
180Kb / 10P
[Old version datasheet]   Low Power RS-485 Unit Load Multipoint Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com