Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1556 Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS1556
Description  1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1556 Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS1556 Datasheet HTML 12Page - Dallas Semiconductor DS1556 Datasheet HTML 13Page - Dallas Semiconductor DS1556 Datasheet HTML 14Page - Dallas Semiconductor DS1556 Datasheet HTML 15Page - Dallas Semiconductor DS1556 Datasheet HTML 16Page - Dallas Semiconductor DS1556 Datasheet HTML 17Page - Dallas Semiconductor DS1556 Datasheet HTML 18Page - Dallas Semiconductor DS1556 Datasheet HTML 19Page - Dallas Semiconductor DS1556 Datasheet HTML 20Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
DS1556 1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
16 of 20
AC TEST CONDITIONS
Output Load: 50 pF + 1TTL Gate
Input Pulse Levels:
0.0 to 3.0V
Timing Measurement Reference Levels:
Input: 1.5V
Output: 1.5V
Input Pulse Rise and Fall Times: 5 ns
NOTES:
1. Voltage referenced to ground.
2. Typical values are at +25
°C and nominal supplies.
3. Outputs are open.
4. Battery switchover occurs at the lower of either the battery voltage or VPF.
5. The
IRQ/FT and RST outputs are open drain.
6. Data-retention time is at +25
°C.
7. Each DS1556 has a built-in switch that disconnects the lithium source until VCC is first applied by the
user. The expected tDR is defined for DIP modules and PowerCap modules as a cumulative time in the
absence of VCC starting from the time power is first applied by the user.
8. RTC modules (DIP) can be successfully processed through conventional wave-soldering techniques
as long as temperature exposure to the lithium energy source contained within does not exceed
+85
°C. Post-solder cleaning with water-washing techniques is acceptable, provided that ultrasonic
vibration is not used.
In addition, for the PowerCap:
a. Dallas Semiconductor recommends that PowerCap Module bases experience one pass through
solder reflow oriented with the label side up (“live-bug”).
b. Hand soldering and touch-up: Do not touch or apply the soldering iron to leads for more than
3 seconds. To solder, apply flux to the pad, heat the lead frame pad and apply solder. To remove
the part, apply flux, heat the lead frame pad until the solder reflow and use a solder wick to
remove solder.
9. tAH1, tDH1 are measured from WE going high.
10. tAH2, tDH2 are measured from CE going high.


Similar Part No. - DS1556

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1556-70++ MAXIM-DS1556-70+ Datasheet
212Kb / 18P
   1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
19-5500; Rev 9/10
DS1556-70IND++ MAXIM-DS1556-70IND+ Datasheet
212Kb / 18P
   1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
19-5500; Rev 9/10
DS1556P-70++ MAXIM-DS1556P-70+ Datasheet
212Kb / 18P
   1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
19-5500; Rev 9/10
DS1556P-70IND++ MAXIM-DS1556P-70IND+ Datasheet
212Kb / 18P
   1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
19-5500; Rev 9/10
DS1556P/YP/WP MAXIM-DS1556P/YP/WP Datasheet
114Kb / 5P
   PowerCap with Crystal
Rev 10/10
More results

Similar Description - DS1556

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1556 MAXIM-DS1556_10 Datasheet
212Kb / 18P
   1M, Nonvolatile, Y2K-Compliant Timekeeping RAM
19-5500; Rev 9/10
DS1743 MAXIM-DS1743 Datasheet
185Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping
REV: 090407
DS1744_1203 MAXIM-DS1744_1203 Datasheet
583Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
logo
Dallas Semiconductor
DS1747 DALLAS-DS1747 Datasheet
340Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
ARTSCHIP ELECTRONICS CO...
DS1744 ARTSCHIP-DS1744 Datasheet
413Kb / 19P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1747 MAXIM-DS1747_12 Datasheet
606Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1743 MAXIM-DS1743_V01 Datasheet
441Kb / 17P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
196719 ; Rev 9 / 13
logo
Dallas Semiconductor
DS1746 DALLAS-DS1746 Datasheet
453Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
DS1744 DALLAS-DS1744 Datasheet
348Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1746 MAXIM-DS1746_12 Datasheet
529Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com