Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV7239 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMV7239
Description  75-ns, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain and Push-Pull Output
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7239 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMV7239 Datasheet HTML 4Page - Texas Instruments LMV7239 Datasheet HTML 5Page - Texas Instruments LMV7239 Datasheet HTML 6Page - Texas Instruments LMV7239 Datasheet HTML 7Page - Texas Instruments LMV7239 Datasheet HTML 8Page - Texas Instruments LMV7239 Datasheet HTML 9Page - Texas Instruments LMV7239 Datasheet HTML 10Page - Texas Instruments LMV7239 Datasheet HTML 11Page - Texas Instruments LMV7239 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
0
20
40
60
80
100
88
90
92
94
96
CAPACITANCE (pF)
Rising Edge
Falling Edge
VS= 5V
VOD=20mV
20
30
40
50
60
70
80
90 100
80
85
90
95
100
INPUT OVERDRIVE (mV)
Rising Edge
Falling Edge
VS= 2.7V
CLOAD=15pF
-40 -20
0
20 40 60 80 100 120 140
80
90
100
110
120
130
140
TEMPERATURE (°C)
VS=5V
VOD=20mV
CLOAD=15pF
Falling Edge
Rising Edge
0
20
40
60
80
100
94
96
98
100
102
104
106
CAPACITANCE (pF)
Rising Edge
Falling Edge
VS= 2.7V
VOD=20mV
0
1
2
-50
-40
-30
-20
-10
0
10
20
30
50
VIN (V)
2.7
VS = 2.7V
IBIAS-
IBIAS+
60
-60
70
40
-40 -20
0
20 40 60 80 100 120 140
80
90
100
110
120
130
140
150
160
TEMPERATURE (°C)
VS=2.7V
VOD=20mV
CLOAD=15pF
Falling Edge
Rising Edge
LMV7235, LMV7239, LMV7239-Q1
SNOS532N – SEPTEMBER 2000 – REVISED APRIL 2015
www.ti.com
Typical Performance Characteristics (continued)
(Unless otherwise specified, VS = 5V, CL = 10pF, TA = 25°C).
Figure 7. Input Bias Current vs. Input Voltage
Figure 8. Propagation Delay vs. Temperature
Figure 9. Propagation Delay vs. Temperature
Figure 10. Propagation Delay vs. Capacitive Load
Figure 11. Propagation Delay vs. Capacitive Load
Figure 12. Propagation Delay vs. Input Overdrive
8
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LMV7235 LMV7239 LMV7239-Q1


Similar Part No. - LMV7239

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7239 NSC-LMV7239 Datasheet
320Kb / 12P
   45ns, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7239 NSC-LMV7239 Datasheet
733Kb / 13P
   45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
logo
Texas Instruments
LMV7239 TI-LMV7239 Datasheet
996Kb / 22P
[Old version datasheet]   LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7239 TI1-LMV7239 Datasheet
1Mb / 22P
[Old version datasheet]   LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
logo
National Semiconductor ...
LMV7239M5 NSC-LMV7239M5 Datasheet
320Kb / 12P
   45ns, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
More results

Similar Description - LMV7239

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7235 NSC-LMV7235 Datasheet
320Kb / 12P
   45ns, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235 NSC-LMV7235_08 Datasheet
852Kb / 14P
   45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235 NSC-LMV7235_06 Datasheet
733Kb / 13P
   45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
logo
Texas Instruments
LMV7239M5-NOPB TI1-LMV7239M5-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7239M5 TI1-LMV7239M5 Datasheet
1Mb / 22P
[Old version datasheet]   LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235M5 TI-LMV7235M5 Datasheet
996Kb / 22P
[Old version datasheet]   LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
[Old version datasheet]   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
National Semiconductor ...
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com