Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ20502SILT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ20502SILT
Description  2A SIMPLE SWITCHER Nano Module
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ20502SILT Datasheet(HTML) 3 Page - Texas Instruments

  LMZ20502SILT Datasheet HTML 1Page - Texas Instruments LMZ20502SILT Datasheet HTML 2Page - Texas Instruments LMZ20502SILT Datasheet HTML 3Page - Texas Instruments LMZ20502SILT Datasheet HTML 4Page - Texas Instruments LMZ20502SILT Datasheet HTML 5Page - Texas Instruments LMZ20502SILT Datasheet HTML 6Page - Texas Instruments LMZ20502SILT Datasheet HTML 7Page - Texas Instruments LMZ20502SILT Datasheet HTML 8Page - Texas Instruments LMZ20502SILT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
1
2
3
4
5
6
7
8
PG
EN
MODE
FB
VOUT
GND
VIN
NC
LMZ20502
www.ti.com
SNVS852C – JUNE 2012 – REVISED APRIL 2015
6 Pin Configuration and Functions
USIP Package (SIL)
8 Pins
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NUMBER
NAME
1
PG
O
Power good flag; open drain. Connect to logic supply through a resistor. High = power good; Low =
power bad. If not used, leave unconnected.
2
EN
I
Enable input. High = On, Low = Off. A valid input voltage, on pin 8, must be present before EN is
asserted. Do not float.
3
MODE
I
Mode selection input. High = forced PWM. Low = AUTO mode, with PFM at light load . Do not float.
4
FB
I
Feedback input to controller. Connect to output through feedback divider.
5
VOUT
P
Regulated output voltage; connect to COUT.
6
GND
G
Ground for all circuitry. Reference point for all voltages.
7
NC
This pin must be left floating. Do not connect to ground or any other node.
8
VIN
P
Input supply to regulator. Connect to input capacitor(s) as close as possible to the VIN pin and GND
pin of the module.
EP
EP
G
Ground and heat-sink connection. See Layout Guidelines section for more information.
(1)
G = Ground, I = Input, O = Output, P = Power
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMZ20502


Similar Part No. - LMZ20502SILT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ20502 TI-LMZ20502 Datasheet
153Kb / 3P
[Old version datasheet]   LMZ20502 2A SIMPLE SWITCHER Nano Module
LMZ20502EVM TI-LMZ20502EVM Datasheet
3Mb / 13P
[Old version datasheet]   LMZ20502 SIMPLE SWITCHER짰 Evaluation Board
LMZ20502 TI-LMZ20502_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ20502 2 A SIMPLE SWITCHER짰 Nano Module
More results

Similar Description - LMZ20502SILT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ20502 TI-LMZ20502 Datasheet
153Kb / 3P
[Old version datasheet]   LMZ20502 2A SIMPLE SWITCHER Nano Module
logo
National Semiconductor ...
LMZ14202H NSC-LMZ14202H Datasheet
540Kb / 20P
   2A SIMPLE SWITCHER Power Module for High Output Voltage
logo
Texas Instruments
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
LMZ10501SHX TI-LMZ10501SHX Datasheet
864Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ10501SHE TI-LMZ10501SHE Datasheet
864Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ10501SHX TI1-LMZ10501SHX Datasheet
907Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ34002RKGR TI1-LMZ34002RKGR Datasheet
807Kb / 30P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER Power Module with 4.5V-40V Input
LMZ12002 TI-LMZ12002_15 Datasheet
1Mb / 31P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com