Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ31520 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ31520
Description  20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ31520 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMZ31520 Datasheet HTML 2Page - Texas Instruments LMZ31520 Datasheet HTML 3Page - Texas Instruments LMZ31520 Datasheet HTML 4Page - Texas Instruments LMZ31520 Datasheet HTML 5Page - Texas Instruments LMZ31520 Datasheet HTML 6Page - Texas Instruments LMZ31520 Datasheet HTML 7Page - Texas Instruments LMZ31520 Datasheet HTML 8Page - Texas Instruments LMZ31520 Datasheet HTML 9Page - Texas Instruments LMZ31520 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LMZ31520
SLVSBM9B – OCTOBER 2013 – REVISED DECEMBER 2013
www.ti.com
PIN DESCRIPTIONS
TERMINAL
DESCRIPTION
NAME
NO.
This pin is connected internally to the power ground of the device. This pin should only be used as the zero
AGND
9
volt ground reference for connecting the voltage setting resistor (RSET). Do not connect AGND to PGND.
See Layout Recommendations.
4
8
12
Do Not Connect. Do not connect these pins to AGND, to another DNC pin, or to any other voltage. These
DNC
20
pins are connected to internal circuitry. Each pin must be soldered to an isolated pad.
21
35
36
Frequency Select pin. Leave this pin open (floating) to select 500 kHz (typ) operating frequency. Connect
FREQ_SEL
7
this pin to V5V pin to select 850 kHz (typ) operating frequency. Connect a 66 k
Ω resistor between this pin
and PGND to select 300 kHz (typ) operating frequency. See Table 2 for more info.
Current limit setting pin. Connecting a resistor between this pin and PGND sets the current limit. When left
ILIM
6
open, refer to the Electrical Characterization table for current limit value.
INH
16
Inhibit pin. Use an open drain or open collector logic device to ground this pin to control the INH function.
29
30
Not Connected. These pins are internally isolated from any signal and all other pins. Each pin must be
NC
31
soldered to a pad on the PCB. These pins can be left isolated, connected to one another, or connected to
any signal on the PCB.
32
45
1
5
17
33
34
37
38
39
40
41
This is the return current path for the power stage of the device. Connect these pins to the load and to the
46
bypass capacitors associated with VIN and VOUT. Pads 65, 67, 70, and 72 should be connected to PCB
PGND
47
ground planes using multiple vias for good thermal performance. Not all pins are connected together
internally. All pins must be connected together externally with a copper plane or pour directly under the
48
device.
49
50
51
62
63
64
65
67
70
72
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMZ31520


Similar Part No. - LMZ31520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
More results

Similar Description - LMZ31520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31530 TI1-LMZ31530 Datasheet
768Kb / 30P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31530 TI-LMZ31530_15 Datasheet
1Mb / 32P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI-LMZ31503_15 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com