Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM20502SILT Datasheet(PDF) 10 Page - Texas Instruments

Part # LM20502SILT
Description  2A SIMPLE SWITCHER Nano Module
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM20502SILT Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM20502SILT Datasheet HTML 6Page - Texas Instruments LM20502SILT Datasheet HTML 7Page - Texas Instruments LM20502SILT Datasheet HTML 8Page - Texas Instruments LM20502SILT Datasheet HTML 9Page - Texas Instruments LM20502SILT Datasheet HTML 10Page - Texas Instruments LM20502SILT Datasheet HTML 11Page - Texas Instruments LM20502SILT Datasheet HTML 12Page - Texas Instruments LM20502SILT Datasheet HTML 13Page - Texas Instruments LM20502SILT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
INDUCTOR
EMBEDDED
REGULATOR
DIE
SUBSTRATE
PCB
Copper Clad
Via
LMZ20502
SNVS852C – JUNE 2012 – REVISED APRIL 2015
www.ti.com
Feature Description (continued)
Figure 7. Package Photo
Figure 8. Package Side View Drawing
8.3.2 Internal Synchronous Rectifier
The LMZ20502 uses an internal NMOS FET as a synchronous rectifier to minimize switch voltage drop and
increase efficiency. The NMOS is designed to conduct through its body diode during switch dead time. This dead
time is imposed to prevent supply current "shoot-through".
8.3.3 Current Limit Protection
The LMZ20502 incorporates cycle-by-cycle peak current limit on both the high and low side MOSFETs. This
feature limits the output current in case the output is overloaded. During the overload, the peak inductor current
is limited to that value found in the Electrical Characteristics table under the heading of "ILIM".
In addition to current limit, a short circuit protection mode is also implemented. When the feedback voltage is
brought down to less than 300 mV, but greater than 150 mV, by a short circuit, the synchronous rectifier is turned
off. This provides more voltage across the inductor to help maintain the required volt-second balance. If a
"harder" short brings the feedback voltage to below 150 mV, the current limit and switching frequency are both
reduced to about ½ of the nominal values. In addition, when the current limit is tripped, the device stops
switching for about 85 µs. At the end of the time-out, switching resumes and the cycle repeats until the short is
removed.
The effect of both overload and short circuit protection can be seen in Figure 9. This graph demonstrates that the
device will supply slightly more than 2 A to the load when in overload and much less current during fold-back
mode. This is typical behavior for any regulator with this type of current limit protection.
10
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LMZ20502


Similar Part No. - LM20502SILT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM205 NSC-LM205 Datasheet
154Kb / 8P
   Voltage Regulators
logo
Unisonic Technologies
LM2054G-P14-R UTC-LM2054G-P14-R Datasheet
249Kb / 5P
   QUAD OPERATIONAL AMPLIFIERS
LM2054G-P14-T UTC-LM2054G-P14-T Datasheet
249Kb / 5P
   QUAD OPERATIONAL AMPLIFIERS
LM2054L-P14-R UTC-LM2054L-P14-R Datasheet
249Kb / 5P
   QUAD OPERATIONAL AMPLIFIERS
LM2054L-P14-T UTC-LM2054L-P14-T Datasheet
249Kb / 5P
   QUAD OPERATIONAL AMPLIFIERS
More results

Similar Description - LM20502SILT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ20502 TI-LMZ20502 Datasheet
153Kb / 3P
[Old version datasheet]   LMZ20502 2A SIMPLE SWITCHER Nano Module
logo
National Semiconductor ...
LMZ14202H NSC-LMZ14202H Datasheet
540Kb / 20P
   2A SIMPLE SWITCHER Power Module for High Output Voltage
logo
Texas Instruments
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
LMZ10501SHX TI-LMZ10501SHX Datasheet
864Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ10501SHE TI-LMZ10501SHE Datasheet
864Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ10501SHX TI1-LMZ10501SHX Datasheet
907Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ34002RKGR TI1-LMZ34002RKGR Datasheet
807Kb / 30P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER Power Module with 4.5V-40V Input
LMZ12002 TI-LMZ12002_15 Datasheet
1Mb / 31P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com