Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ10501SILT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ10501SILT
Description  LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ10501SILT Datasheet(HTML) 1 Page - Texas Instruments

  LMZ10501SILT Datasheet HTML 1Page - Texas Instruments LMZ10501SILT Datasheet HTML 2Page - Texas Instruments LMZ10501SILT Datasheet HTML 3Page - Texas Instruments LMZ10501SILT Datasheet HTML 4Page - Texas Instruments LMZ10501SILT Datasheet HTML 5Page - Texas Instruments LMZ10501SILT Datasheet HTML 6Page - Texas Instruments LMZ10501SILT Datasheet HTML 7Page - Texas Instruments LMZ10501SILT Datasheet HTML 8Page - Texas Instruments LMZ10501SILT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
0
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
Frequency (MHz)
Evaluation Board
EN 55022 Class B Limit
EN 55022 Class A Limit
C001
20
30
40
50
60
70
80
90
100
0.0
0.2
0.4
0.6
0.8
1.0
LOAD CURRENT (A)
VOUT=1.2V
VOUT=1.8V
VOUT=2.5V
VOUT=3.3V
C001
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMZ10501
SNVS677F – MAY 2011 – REVISED NOVEMBER 2014
LMZ10501 1-A SIMPLE SWITCHER® Nano Module With 5.5-V Maximum Input Voltage
1 Features
2 Applications
1
Output Current Up to 1 A
Point of Load Conversions From 3.3-V and 5-V
Rails
Input Voltage Range 2.7 V to 5.5 V
Space Constrained Applications
Output Voltage Range 0.6 V to 3.6 V
Low Output Noise Applications
Efficiency up to 95%
Quick Links to Reference Designs:
Integrated Inductor
VOUT = 1.2 V, VOUT = 1.8 V,
8-Pin LLP Footprint
VOUT = 2.5 V, VOUT = 3.3 V
–40°C to 125°C Junction Temperature Range
Adjustable Output Voltage
3 Description
2.0-MHz Fixed PWM Switching Frequency
The LMZ10501 SIMPLE SWITCHER® nano module
is an easy-to-use step-down DC-DC solution capable
Integrated Compensation
of driving up to 1-A load in space-constrained
Soft-Start Function
applications. Only an input capacitor, an output
Current Limit Protection
capacitor, a small VCON filter capacitor, and two
Thermal Shutdown Protection
resistors are required for basic operation. The nano
module comes in an 8-pin LLP footprint package with
Input Voltage UVLO for Power-Up, Power-Down,
an inductor. Internal current limit based soft-start
and Brown-Out Conditions
function, current overload protection, and thermal
Only 5 External Components — Resistor Divider
shutdown are also provided.
and 3 Ceramic Capacitors
Device Information(1)
Small Solution Size
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Low Output Voltage Ripple
LMZ10501
SIL (8)
3.00 mm x 2.60 mm
Easy Component Selection and Simple PCB
Layout
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
High Efficiency Reduces System Heat Generation
Typical Efficiency at VIN = 3.6 V
Radiated EMI (CISPR22)
VIN = 5.0 V, VOUT = 1.8 V, IOUT = 1A
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMZ10501SILT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ10501SE NSC-LMZ10501SE Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10501SE TI1-LMZ10501SE Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10501SEE NSC-LMZ10501SEE Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10501SEE TI1-LMZ10501SEE Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10501SEX NSC-LMZ10501SEX Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
More results

Similar Description - LMZ10501SILT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ10501 TI1-LMZ10501 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ21701 TI1-LMZ21701 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21701 TI-LMZ21701_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ10500 TI-LMZ10500_15 Datasheet
982Kb / 32P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10500 TI1-LMZ10500_16 Datasheet
1Mb / 34P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10504 TI1-LMZ10504_17 Datasheet
1Mb / 35P
[Old version datasheet]   4-A SIMPLE SWITCHER짰 Power Module With 5.5-V Maximum Input Voltage
LMZ10501SHE TI-LMZ10501SHE Datasheet
864Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ10501SHX TI1-LMZ10501SHX Datasheet
907Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ10501SHX TI-LMZ10501SHX Datasheet
864Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ10503 TI-LMZ10503_15 Datasheet
1Mb / 35P
[Old version datasheet]   LMZ10503 3-A SIMPLE SWITCHER짰 Power Module With 5.5-V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com