Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ10500SILR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ10500SILR
Description  LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ10500SILR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMZ10500SILR Datasheet HTML 3Page - Texas Instruments LMZ10500SILR Datasheet HTML 4Page - Texas Instruments LMZ10500SILR Datasheet HTML 5Page - Texas Instruments LMZ10500SILR Datasheet HTML 6Page - Texas Instruments LMZ10500SILR Datasheet HTML 7Page - Texas Instruments LMZ10500SILR Datasheet HTML 8Page - Texas Instruments LMZ10500SILR Datasheet HTML 9Page - Texas Instruments LMZ10500SILR Datasheet HTML 10Page - Texas Instruments LMZ10500SILR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
60
70
80
90
100
110
120
130
AMBIENT TEMPERATURE (
SC)
VIN=3.3V
VIN=3.6V
VIN=5V
VIN=5.5V
C003
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
60
70
80
90
100
110
120
130
AMBIENT TEMPERATURE (
SC)
VIN=4V
VIN=4.5V
VIN=5V
VIN=5.5V
C004
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
60
70
80
90
100
110
120
130
AMBIENT TEMPREATURE (
SC)
VIN=3.3V
VIN=3.6V
VIN=5V
VIN=5.5V
C001
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
60
70
80
90
100
110
120
130
AMBIENT TEMPERATURE (
SC)
VIN=3.3V
VIN=3.6V
VIN=5V
VIN=5.5V
C002
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 0.55 0.6 0.65
LOAD CURRENT (A)
VIN=2.7V
VIN=3V
VIN=3.3V
VIN=3.6V
C010
10mV/Div
250MHz BW
1µs/Div
COUT = 10F 10V 0805 X5R
VOUT RIPPLE
LMZ10500
www.ti.com
SNVS723F – OCTOBER 2011 – REVISED FEBRUARY 2015
6.7 Typical Characteristics
Unless otherwise specified the following conditions apply: VIN = 3.6 V, TA = 25°C
Figure 1. Output Voltage Ripple
Figure 2. Dropout Voltage vs Load Current and Input
VIN = 5.0 V, VOUT = 1.8 V, IOUT = 650 mA
Voltage
Figure 3. Thermal Derating
Figure 4. Thermal Derating
VOUT = 1.2 V, θJA = 77°C/W
VOUT = 1.8 V, θJA = 77°C/W
Figure 5. Thermal Derating
Figure 6. Thermal Derating
VOUT = 2.5 V, θJA = 77°C/W
VOUT = 3.3 V, θJA = 77°C/W
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMZ10500


Similar Part No. - LMZ10500SILR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ10500SE NSC-LMZ10500SE Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10500SE TI1-LMZ10500SE Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10500 650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10500SEE NSC-LMZ10500SEE Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10500SEE TI1-LMZ10500SEE Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10500 650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10500SEX NSC-LMZ10500SEX Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
More results

Similar Description - LMZ10500SILR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ10500 TI-LMZ10500_15 Datasheet
982Kb / 32P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10500 TI1-LMZ10500 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10500 650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ21700 TI-LMZ21700_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21700 TI1-LMZ21700 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ10501 TI1-LMZ10501_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10500 NSC-LMZ10500 Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 NSC-LMZ10501 Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10504 TI1-LMZ10504_17 Datasheet
1Mb / 35P
[Old version datasheet]   4-A SIMPLE SWITCHER짰 Power Module With 5.5-V Maximum Input Voltage
LMZ21701 TI1-LMZ21701 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21701 TI-LMZ21701_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com