Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV982IDGSRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMV982IDGSRG4
Description  LMV981 SINGLE, LMV982 DUAL 1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT AND SHUTDOWN
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV982IDGSRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV982IDGSRG4 Datasheet HTML 5Page - Texas Instruments LMV982IDGSRG4 Datasheet HTML 6Page - Texas Instruments LMV982IDGSRG4 Datasheet HTML 7Page - Texas Instruments LMV982IDGSRG4 Datasheet HTML 8Page - Texas Instruments LMV982IDGSRG4 Datasheet HTML 9Page - Texas Instruments LMV982IDGSRG4 Datasheet HTML 10Page - Texas Instruments LMV982IDGSRG4 Datasheet HTML 11Page - Texas Instruments LMV982IDGSRG4 Datasheet HTML 12Page - Texas Instruments LMV982IDGSRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LMV981 SINGLE, LMV982 DUAL
1.8-V OPERATIONAL AMPLIFIERS
WITH RAIL-TO-RAIL INPUT AND OUTPUT AND SHUTDOWN
SLOS440H − AUGUST 2004 − REVISED JULY 2007
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at TA= 25°C, VCC+ = 5 V, VCC− = 0 V, VIC = VCC+/2, VO = VCC+/2,
RL > 1 MΩ, and SHDN tied to VCC+ (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
High level
25
°C
4.855
4.89
RL = 600 Ω to 2.5 V,
High level
Full range
4.835
RL = 600 Ω to 2.5 V,
VID =
±100 mV
Low level
25
°C
0.12
0.16
V
Output swing
Low level
Full range
0.18
V
VO
Output swing
High level
25
°C
4.945
4.967
V
RL = 2 kΩ to 2.5 V,
High level
Full range
4.935
RL = 2 kΩ to 2.5 V,
VID =
±100 mV
Low level
25
°C
0.037
0.065
Low level
Full range
0.075
LMV981:
Sourcing
25
°C
80
100
I
Output short-circuit
LMV981:
VO = 0 V, VID = 100 mV
Sourcing
Full range
68
mA
IOS
Output short circuit
current
V
5V V
100 mV
Sinking
25
°C
58
65
mA
VO = 5 V, VID = −100 mV
Sinking
Full range
45
Ton
Turn-on time from
shutdown
25
°C
8.4
ms
VSHDN
Turn-on voltage to
enable part
25
°C
4.2
V
VSHDN
Turn-off voltage
25 C
0.8
V
GBW
Gain bandwidth product
25
°C
1.5
MHz
SR
Slew rate
See Note 6
25
°C
0.42
V/
mS
Fm
Phase margin
25
°C
71
deg
Gain margin
25
°C
8
dB
Vn
Equivalent input noise
voltage
f = 1 kHz, VIC = 1 V
25
°C
50
nV/
√Hz
In
Equivalent input noise
current
f = 1 kHz
25
°C
0.07
pA/
√Hz
THD
Total harmonic distortion
f = 1 kHz, AV = 1, RL = 600 Ω,
VID = 1 VPP
25
°C
0.022
%
Amp-to-amp isolation
See Note 7
25
°C
123
dB
NOTES:
6. Number specified is the slower of the positive and negative slew rates.
7. Input referred, VCC+ = 5 V and RL = 100 kΩ connected to 2.5 V. Each amp is excited in turn with a 1-kHz signal to produce
VO = 3 VPP.
Not Recommended for New Designs


Similar Part No. - LMV982IDGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV982IDGSRG4 TI-LMV982IDGSRG4 Datasheet
611Kb / 22P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
More results

Similar Description - LMV982IDGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV981 TI-LMV981 Datasheet
611Kb / 22P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931 TI-LMV931 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
ON Semiconductor
LMV981 ONSEMI-LMV981 Datasheet
445Kb / 21P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers with Shutdown
February, 2010 ??Rev. 5
LMV931 ONSEMI-LMV931_12 Datasheet
366Kb / 18P
   Single and Dual LowVoltage, Rail-to-Rail Input and Output,Operational Amplifiers
August, 2012 ??Rev. 9
logo
Texas Instruments
TLV2780 TI-TLV2780 Datasheet
501Kb / 26P
[Old version datasheet]   FAMILY OF 1.8 V HIGH-SPEED RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
ON Semiconductor
LMV931 ONSEMI-LMV931 Datasheet
432Kb / 20P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers
April, 2010 ??Rev. 6
logo
Analog Devices
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com