Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY2210 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part No. CY2210
Description  133-MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY2210 Datasheet(HTML) 4 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CY2210
Document #: 38-07204 Rev. *A
Page 4 of 10
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Supply Voltage ..................................................–0.5 to +7.0V
Input Voltage .............................................. –0.5V to VDD+0.5
Storage Temperature (Non-Condensing) ... –65
°C to +150°C
Junction Temperature ............................................... +150
°C
Package Power Dissipation.............................................. 1W
Static Discharge Voltage
(per MIL-STD-883, Method 3015) ............................. >2000V
Operating Conditions Over which Electrical Parameters are Guaranteed
Parameter
Description
Min.
Max.
Unit
VDDREF, VDDPCI, AVDD,
VDDAGP, VDDUSB
3.3V Supply Voltages
3.135
3.465
V
VDDCPU, VDDCPU/2
CPU and CPU/2 Supply Voltage
2.375
2.625
V
VDDAPIC
APIC Supply Voltage
2.375
2.625
V
TA
Operating Temperature, Ambient
0
70
°C
CL
Max. Capacitive Load on
CPUCLK, CPUCLK/2, USBCLK, REF, APIC
PCICLK, AGP
20
30
pF
f(REF)
Reference Frequency, Oscillator Nominal Value
14.318
14.318
MHz
tPU
Power-up time for all VDD's to reach minimum
specified voltage (power ramps must be monotonic)
0.05
50
ms
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min. Max. Unit
VIH
High-level Input Voltage
Except Crystal Pads. Threshold voltage for crystal pads = VDD/2
2.0
V
VIL
Low-level Input Voltage
Except Crystal Pads
0.8
V
VOH
High-level Output Voltage[4] CPU, CPU/2, APIC
IOH = –1 mA
2.0
V
USB, REF, PCI, AGP
IOH = –1 mA
2.4
VOL
Low-level Output Voltage[4] CPU, CPU/2, APIC
IOL = 1 mA
0.4
V
USB, REF, PCI, AGP
IOL = 1 mA
0.4
IIH
Input High Current
0 < VIN < VDD
10
µA
IIL
Input Low Current
0 < VIN < VDD
10
µA
IOH
High-level Output Cur-
rent[4]
CPU, CPU/2
VOH = 2.0V
–16
–60
mA
APIC
VOH = 2.0V
–20
–72
USB, REF
VOH = 2.4V
–15
–51
AGP, PCI
VOH = 2.4V
–30 –100
IOL
Low-level Output Current[4] CPU, CPU/2
VOL = 0.4V
19
49
mA
APIC
VOL = 0.4V
25
58
USB, REF
VOL = 0.4V
10
24
AGP, PCI
VOL = 0.4V
20
49
IOZ
Output Leakage Current
Three-state
10
µA
IDD2
2.5V Power Supply Current AVDD/VDD33 = 3.465V, VDD25 = 2.625V, FCPU = 133 MHz
90
mA
IDD3
3.3V Power Supply Current AVDD/VDD33 = 3.465V, VDD25 = 2.625V, FCPU = 133 MHz
160
mA
IDDPD2
2.5V Shutdown Current
AVDD/VDD33 = 3.465V, VDD25 = 2.625V
100
µA
IDDPD3
3.3V Shutdown Current
AVDD/VDDQ3 = 3.465V, VDD25 = 2.625V
200
µA
Note:
4.
Parameter is guaranteed by design and characterization. Not 100% tested in production.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn