Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2571NJKR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2571NJKR
Description  LMX2571 Low-Power, High-Performance PLLatinum??RF Synthesizer
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2571NJKR Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMX2571NJKR Datasheet HTML 5Page - Texas Instruments LMX2571NJKR Datasheet HTML 6Page - Texas Instruments LMX2571NJKR Datasheet HTML 7Page - Texas Instruments LMX2571NJKR Datasheet HTML 8Page - Texas Instruments LMX2571NJKR Datasheet HTML 9Page - Texas Instruments LMX2571NJKR Datasheet HTML 10Page - Texas Instruments LMX2571NJKR Datasheet HTML 11Page - Texas Instruments LMX2571NJKR Datasheet HTML 12Page - Texas Instruments LMX2571NJKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
Offset /Hz
102
103
104
105
106
107
-160
-150
-140
-130
-120
-110
-100
-90
-80
Modeled flicker noise
Modeled flat noise
OSCin noise
Model total noise
Actual measurement
Offset /Hz
102
103
104
105
106
107
-160
-150
-140
-130
-120
-110
-100
-90
-80
Modeled flicker noise
Modeled flat noise
OSCin noise
Modeled total noise
Actual measurement
9
LMX2571
www.ti.com
SNAS654A – MARCH 2015 – REVISED JULY 2016
Product Folder Links: LMX2571
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25 °C (unless otherwise noted0
Switching between int. and ext. VCO as well as Tx and Rx port
Figure 8. Output Port and VCO Switching
Freq. jump = 50 MHz
LBW = 4 kHz
PLL mode
Figure 9. FastLock with SPST Switch
Start: 100 MHz
Stop: 2000 MHz
Figure 10. Fin input impedance
Start: 10 MHz
Stop: 300 MHz
Figure 11. OSCin input impedance
fOUT = 1228.8 MHz
fPD = 122.88 MHz
Synthesizer mode
Figure 12. Normalized PLL 1/f Noise and Noise Floor
fOUT = 430.08 MHz
fPD = 61.44 MHz
PLL mode
Figure 13. Normalized PLL 1/f Noise and Noise Floor


Similar Part No. - LMX2571NJKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2571 TI1-LMX2571 Datasheet
2Mb / 61P
[Old version datasheet]   Low-Power, High-Performance PLLatinum RF Synthesizer
LMX2571 TI-LMX2571 Datasheet
3Mb / 70P
[Old version datasheet]   LMX2571-EP Low-Power, High-Performance PLLatinum짰 RF Synthesizer With FSK Modulation
SNAS824 ??OCTOBER 2021
LMX2571-EP TI-LMX2571-EP Datasheet
3Mb / 70P
[Old version datasheet]   LMX2571-EP Low-Power, High-Performance PLLatinum짰 RF Synthesizer With FSK Modulation
SNAS824 ??OCTOBER 2021
LMX2571SRHHTEP TI-LMX2571SRHHTEP Datasheet
3Mb / 70P
[Old version datasheet]   LMX2571-EP Low-Power, High-Performance PLLatinum짰 RF Synthesizer With FSK Modulation
SNAS824 ??OCTOBER 2021
LMX2571 TI-LMX2571_15 Datasheet
2Mb / 61P
[Old version datasheet]   LMX2571 Low-Power, High-Performance PLLatinum??RF Synthesizer with FSKModulation
More results

Similar Description - LMX2571NJKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2571 TI-LMX2571_15 Datasheet
2Mb / 61P
[Old version datasheet]   LMX2571 Low-Power, High-Performance PLLatinum??RF Synthesizer with FSKModulation
LMX2571 TI1-LMX2571 Datasheet
2Mb / 61P
[Old version datasheet]   Low-Power, High-Performance PLLatinum RF Synthesizer
LMX2582 TI1-LMX2582 Datasheet
1Mb / 40P
[Old version datasheet]   High Performance, Wideband PLLatinum RF Synthesizer
LMX2592 TI1-LMX2592 Datasheet
1Mb / 40P
[Old version datasheet]   High Performance, Wideband PLLatinum RF Synthesizer
LMX2571-EP TI-LMX2571-EP Datasheet
3Mb / 70P
[Old version datasheet]   LMX2571-EP Low-Power, High-Performance PLLatinum짰 RF Synthesizer With FSK Modulation
SNAS824 ??OCTOBER 2021
logo
National Semiconductor ...
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2306 NSC-LMX2306 Datasheet
300Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com